Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A750JB-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # TV04A750JB-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A750JB-HF Datasheet(HTML) 1 Page - Comchip Technology

  TV04A750JB-HF Datasheet HTML 1Page - Comchip Technology TV04A750JB-HF Datasheet HTML 2Page - Comchip Technology TV04A750JB-HF Datasheet HTML 3Page - Comchip Technology TV04A750JB-HF Datasheet HTML 4Page - Comchip Technology TV04A750JB-HF Datasheet HTML 5Page - Comchip Technology TV04A750JB-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 440 Volts
Power Dissipation: 400 Watts
RoHS Device
Page 1
REV:F
Features
- Glass passivated chip.
- 400W peak pulse power capability with a 10/1000
µs waveform, repetitive rate (duty cycle):0.01%
- Low leakage.
- Uni and Bidirectional unit.
- Excellent clamping capability.
Mechanical data
- Case: SMA/DO-214AC, molded plastic.
- Terminals: solderable per MIL-STD-750,
method 2026.
TV04A5V0-HF Thru. TV04A441-HF
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
SMA/DO-214AC
QW-JTV01
Comchip Technology CO., LTD.
Halogen Free
- Very fast response time.
- Epoxy: UL 94V-0 rate flame retardant.
- Polarity: Color band denotes cathode end
execpt bipolar.
O
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes: 1. Non-repetitive current pulse, per Fig. 5 and derated above TA=25
2. Measured on 8.3mS single half sine-wave or equare wave,duty cycle=4 pulses per minute maximum.
3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
Peak power dissipation on 10/1000μS
waveform (Note1)
Peak pulse current on 10/1000μS
waveform (Note 1)
Steady state power dissipation at TL=75°C
Peak forward surge current, 8.3mS single
half sine-wave unidirectional only (Note 2)
Maximum instantaneous forward voltage
at 25.0A for unidirectional only (Note 3)
Operating junction and s
temperature
torage
Value
Units
Symbol
Characteristics
PPP
IPP
PD
IFSM
VF
TJ, TSTG
400
See Next Table
1.0
40
3.5/5.0
-55 to +150
W
A
W
A
V
°C
°C, per Fig. 1.
Company reserves the right to improve product design , functions and reliability without notice.
0.109(2.76)
0.099(2.51)
0.064(1.63)
0.048(1.23)
0.206(5.22)
0.192(4.87)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.059(1.51)
0.030(0.75)
0.089(2.26)
0.077(1.96)
0.179(4.55)
0.161(4.10)
R
- UL recognized file # E349157
- Range: TV04A5V0J(B) thru. TV04A240J(B)
0.000(0.00)
- Weight: 0.069 gram (approx.)


Similar Part No. - TV04A750JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A750JB COMCHIP-TV04A750JB Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A750JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com