Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6KE13A-HF Datasheet(PDF) 3 Page - Comchip Technology

Part No. P6KE13A-HF
Description  600W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMCHIP [Comchip Technology]
Homepage  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE13A-HF Datasheet(HTML) 3 Page - Comchip Technology

  P6KE13A-HF Datasheet HTML 1Page - Comchip Technology P6KE13A-HF Datasheet HTML 2Page - Comchip Technology P6KE13A-HF Datasheet HTML 3Page - Comchip Technology P6KE13A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
600W Transient Voltage Suppressor
QW-JTV04
Page 3
REV:D
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Electrical Characteristics (P6KE-HF Series)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking Code
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Min.
IT
Max.
P6KE6.8(C)A-HF
P6KE7.5(C)A-HF
P6KE8.2(C)A-HF
P6KE9.1(C)A-HF
P6KE10(C)A-HF
P6KE11(C)A-HF
P6KE12(C)A-HF
P6KE13(C)A-HF
P6KE15(C)A-HF
P6KE16(C)A-HF
P6KE18(C)A-HF
P6KE20(C)A-HF
P6KE22(C)A-HF
P6KE24(C)A-HF
P6KE27(C)A-HF
P6KE30(C)A-HF
6.46
7.14
10
5.8
1000
10.5
P6KE6.8A
P6KE6.8CA
7.13
7.88
10
6.4
500
11.3
P6KE7.5A
P6KE7.5CA
7.79
8.61
10
7.0
200
12.1
P6KE8.2A
P6KE8.2CA
8.65
9.56
1
7.8
50
13.4
P6KE9.1A
P6KE9.1CA
9.50
10.50
1
8.6
10
14.5
P6KE10A
P6KE10CA
10.45
11.55
1
9.4
5.0
15.6
P6KE11A
P6KE11CA
11.40
12.60
1
10.2
5.0
16.7
P6KE12A
P6KE12CA
12.35
13.65
1
11.1
18.2
P6KE13A
P6KE13CA
14.25
15.75
1
12.8
21.2
P6KE15A
P6KE15CA
15.20
16.80
1
13.6
22.5
P6KE16A
P6KE16CA
17.10
18.90
1
15.3
25.2
P6KE18A
P6KE18CA
19.00
21.00
1
17.1
27.7
P6KE20A
P6KE20CA
20.90
23.10
1
18.8
30.6
P6KE22A
P6KE22CA
22.80
25.20
1
20.5
33.2
P6KE24A
P6KE24CA
25.65
28.35
1
23.1
37.5
P6KE27A
P6KE27CA
28.50
31.50
1
25.6
41.4
P6KE30A
P6KE30CA
P6KE33(C)A-HF
31.35
34.65
1
28.2
45.7
P6KE33A
P6KE33CA
P6KE36(C)A-HF
34.20
37.80
1
30.8
49.9
P6KE36A
P6KE36CA
P6KE39(C)A-HF
37.05
40.95
1
33.3
53.9
P6KE39A
P6KE39CA
P6KE43(C)A-HF
40.85
45.15
1
36.8
59.3
P6KE43A
P6KE43CA
P6KE47(C)A-HF
44.65
49.35
1
40.2
64.8
P6KE47A
P6KE47CA
P6KE51(C)A-HF
48.45
53.55
1
43.6
70.1
P6KE51A
P6KE51CA
P6KE56(C)A-HF
53.20
58.80
1
47.8
77.0
P6KE56A
P6KE56CA
P6KE62(C)A-HF
58.90
65.10
1
53.0
85.0
P6KE62A
P6KE62CA
P6KE68A
P6KE68CA
92.0
58.1
1
71.40
64.60
P6KE68(C)A-HF
P6KE75A
P6KE75CA
103.0
64.1
1
78.75
71.25
P6KE75(C)A-HF
P6KE82(C)A-HF
1
P6KE82A
P6KE82CA
113.0
77.90
86.10
70.1
P6KE91(C)A-HF
1
P6KE91A
P6KE91CA
125.0
86.45
95.55
77.8
P6KE100(C)A-HF
95.00
105.00
1
85.5
137.0
P6KE100A
P6KE100CA
P6KE110(C)A-HF
104.50
115.50
1
94.0
152.0
P6KE110A
P6KE110CA
P6KE120(C)A-HF
114.00
126.00
1
102.0
165.0
P6KE120A
P6KE120CA
P6KE130(C)A-HF
123.50
136.50
1
111.0
179.0
P6KE130A
P6KE130CA
P6KE150(C)A-HF
142.50
157.50
1
128.0
207.0
P6KE150A
P6KE150CA
P6KE160(C)A-HF
152.00
168.00
1
136.0
219.0
P6KE160A
P6KE160CA
P6KE170(C)A-HF
161.50
178.50
1
145.0
234.0
P6KE170A
P6KE170CA
P6KE180(C)A-HF
171.00
189.00
1
154.0
246.0
P6KE180A
P6KE180CA
P6KE200(C)A-HF
190.00
210.00
1
171.0
274.0
P6KE200A
P6KE200CA
P6KE220(C)A-HF
209.00
231.00
1
185.0
328.0
P6KE220A
P6KE220CA
P6KE250(C)A-HF
237.50
262.50
1
214.0
344.0
P6KE250A
P6KE250CA
P6KE300(C)A-HF
285.00
315.00
1
256.0
414.0
P6KE300A
P6KE300CA
P6KE350(C)A-HF
332.50
367.50
1
299.3
482.0
P6KE350A
P6KE350CA
P6KE380(C)A-HF
361.00
399.00
1
324.9
524.4
P6KE380A
P6KE380CA
P6KE400(C)A-HF
380.00
420.00
1
342.0
548.0
P6KE400A
P6KE400CA
P6KE440(C)A-HF
418.00
462.00
1
376.2
607.2
P6KE440A
P6KE440CA
P6KE500(C)A-HF
475.00
525.00
1
427.5
690.0
P6KE500A
P6KE500CA
P6KE520(C)A-HF
494.00
546.00
1
444.6
717.6
P6KE520A
P6KE520CA
P6KE550(C)A-HF
522.50
577.50
1
470.3
759.0
P6KE550A
P6KE550CA
P6KE600(C)A-HF
570.00
630.00
1
513.0
828.0
P6KE600A
P6KE600CA
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
57.14
53.10
49.59
44.78
41.38
38.46
35.93
32.97
28.30
26.67
23.81
21.66
19.61
18.07
16.00
14.49
13.13
12.02
11.13
10.12
9.26
8.56
7.79
7.06
6.52
5.83
5.31
4.80
4.38
3.95
3.64
3.35
2.90
2.74
2.56
2.44
2.19
1.83
1.74
1.45
1.24
1.14
1.09
0.99
0.87
0.84
0.79
0.72
1) Suffix A denotes 5% tolerance devices.
Note:
2)
.
Add suffix “C” or “CA” after part number to specify Bi-directional devices
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn