Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6KE13A-HF Datasheet(PDF) 2 Page - Comchip Technology

Part No. P6KE13A-HF
Description  600W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMCHIP [Comchip Technology]
Homepage  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE13A-HF Datasheet(HTML) 2 Page - Comchip Technology

  P6KE13A-HF Datasheet HTML 1Page - Comchip Technology P6KE13A-HF Datasheet HTML 2Page - Comchip Technology P6KE13A-HF Datasheet HTML 3Page - Comchip Technology P6KE13A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (P6KE-HF Series)
600W Transient Voltage Suppressor
QW-JTV04
Page 2
REV:D
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Fig.4 - Peak Pulse Power Rating Curve
Pulse Width, td (μs)
0.1
1
10
100
1000
10000
0.1
1
10
100
Fig.1 - Pulse Derating Curve
Ambient Temperature, (°C)
0
25
50
100
150
175
0
50
100
75
125
25
75
Fig.5 - Pulse Waveform
Fig.6 - Typical Junction Capacitance
Fig.2 - Maximum Non-Repetitive
Surge Current
Number of Cycle at 60Hz
0
100
10
100
80
1
8.3mS single half
sine-wave (JEDEC
method)
TJ=TJ Max.
40
20
60
Fig.3 - Steady State Power Derating Curve
Lead Temperature, TL (°C)
0
25
50
100
150 175
0
2.0
5.0
75
125
1.0
3.0
4.0
200
10000
1000
100
10
1
10
100
1000
1
Reverse Breakdown Voltage, (V)
Bi-directional
@VRWM
TJ=25°C
f=1.0MHz
@VRWM
Uni-directional
Uni-directional
@zero bias
Bi-directional
@zero bias
Time, (mS)
0
1
4
0
50
100
2
3
Peak value
TR=10 s
μ
Half Value=
Ipp
2
TJ = 25°C
td
Pluse width(td) is defined as the
point where the peak current
decays to 50% of Ipp
10 / 1000
waveform
μsec.
as defined by R.E.A.
(Ipp)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn