Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6KE13A-HF Datasheet(PDF) 1 Page - Comchip Technology

Part No. P6KE13A-HF
Description  600W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMCHIP [Comchip Technology]
Homepage  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE13A-HF Datasheet(HTML) 1 Page - Comchip Technology

  P6KE13A-HF Datasheet HTML 1Page - Comchip Technology P6KE13A-HF Datasheet HTML 2Page - Comchip Technology P6KE13A-HF Datasheet HTML 3Page - Comchip Technology P6KE13A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6KE-HF Series
Breakdown Voltage: 6.8 to 600 Volts
Peak Pulse Power: 600 Watts
RoHS Device
1.000(25.40)
MIN.
0.300(7.63)
0.230(5.85)
0.142(3.61)
0.102(2.60)
0.033(0.84)
0.027(0.71)
1.000(25.40)
MIN.
600W Transient Voltage Suppressor
-Monuting position: Any.
Halogen Free
QW-JTV04
Page 1
REV:D
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Mechanical Data
-Case: Molded plastic
.
DO-15
-Epoxy: UL 94V-0 rate flame retardant.
-Weight: 0.402 gram (approx.)
-Polarity: Color
cathode end
band denotes
except Bipolar.
Features
- Glass passivated chip.
- 600W peak pulse power capability with a 10/1000µs
waveform, repetitive rate (duty cycle):0.01%
- Low leakage.
- Uni and Bidirectional unit.
- Excellent clamping capability.
- Very fast response time.
R
- UL recognized file # E349157
- Range: P6KE6.8(C)A thru. P6KE47(C)A
-Lead: Solderable per MIL-STD-202,
method 208 guranteed.
Dimensions in inches and (millimeter)
DO-15
DIA.
DIA.
Maximum Ratings (TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Peak power dissipation with a 10/1000μs
100
Peak forward surge current, 8.3ms single
half sine-wave unidirectional only
(Note 2)
Operating junction and storage
temperature range
PPP
5.0
600
-55 to +150
W
W
A
°C
Power dissipation on infinite heatsink at TL=75°C
NTOES:
(1) Non-repetitive current pulse per fig.5 and derated above TA=25°C per fig.1
(2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
PD
IFSM
TJ, TSTG
Peak pulse current with a 10/1000μs waveform
(Note 1)
IPP
See Next Table
A
waveform (Note 1)
3.5/5.0
Maximum instantaneous forward voltage at
50 A for unidirectional only (Note 3)
V
VF


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn