Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05B5V0P-G Datasheet(PDF) 4 Page - Comchip Technology

Part # TV05B5V0P-G
Description  Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05B5V0P-G Datasheet(HTML) 4 Page - Comchip Technology

  TV05B5V0P-G Datasheet HTML 1Page - Comchip Technology TV05B5V0P-G Datasheet HTML 2Page - Comchip Technology TV05B5V0P-G Datasheet HTML 3Page - Comchip Technology TV05B5V0P-G Datasheet HTML 4Page - Comchip Technology TV05B5V0P-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QW-BTV20
Comchip Technology CO., LTD.
Page 4
REV:B
Low Capacitance Transient Voltage Suppressor
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
Index hole
d
E
F
B
W
P
P0
P1
A
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
1.969 (min)
3.67 ± 0.10
5.69 ± 0.10
1.55 ± 0.10
50.00 (min)
13.00 ± 0.20
4.50 (max)
330.00
0.224 ± 0.004
0.144 ± 0.004
0.177 (max)
0.061 ± 0.004
13.000
0.512 ± 0.008
DO-214AA
(SMB)
A
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
12.00 ± 0.30
18.40 (max)
SYMBOL
(mm)
(inch)
0.472 ± 0.012
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.724 (max)
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
5.50 ± 0.05
0.217 ± 0.002
DO-214AA
(SMB)
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV05B5V0P-G

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0505CB-50R0JN-95-01 BARRY-TV0505CB-50R0JN-95-01 Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01TR BARRY-TV0505CB-50R0JN-95-01TR Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505CB-50R0JN-95-01WP BARRY-TV0505CB-50R0JN-95-01WP Datasheet
232Kb / 1P
   DC-10GHz 5W BeO Chip Termination
TV0505GA-50R0JN-91 BARRY-TV0505GA-50R0JN-91 Datasheet
114Kb / 1P
   ALUMINA
06/17/09
TV0505HA-50R0GN-95-01 BARRY-TV0505HA-50R0GN-95-01 Datasheet
86Kb / 1P
   BeO
Rev.B 05/25/11
More results

Similar Description - TV05B5V0P-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC_13 Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com