Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05A260JB-G Datasheet(PDF) 1 Page - Comchip Technology

Part # TV05A260JB-G
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05A260JB-G Datasheet(HTML) 1 Page - Comchip Technology

  TV05A260JB-G Datasheet HTML 1Page - Comchip Technology TV05A260JB-G Datasheet HTML 2Page - Comchip Technology TV05A260JB-G Datasheet HTML 3Page - Comchip Technology TV05A260JB-G Datasheet HTML 4Page - Comchip Technology TV05A260JB-G Datasheet HTML 5Page - Comchip Technology TV05A260JB-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 190 Volts
Peak Pulse Power: 500 Watts
RoHS Device
Page 1
REV:B
Features
-Glass passivated chip.
-Low leakage.
-500W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle): 0.01%.
-Uni and Bidirectional unit.
-Excellent clamping capability.
-Very fast response time.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.069 grams
TV05A5V0-G Thru. TV05A191-G
Maximum Ratings and Electrical Characteristics
O
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeter)
DO-214AC (SMA)
QW-BTV19
Notes:
1. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Comchip Technology CO., LTD.
0.109(2.76)
0.099(2.51)
0.064(1.63)
0.048(1.23)
0.206(5.22)
0.192(4.87)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.000(0.00)
0.059(1.51)
0.030(0.75)
0.089(2.26)
0.077(1.96)
0.175(4.44)
0.155(3.94)
Peak power dissipation on 10/1000μs
waveform
Peak pulse current on 10/1000μs
waveform
Power dissipation on infinite heatsink at
TL=75°C
Peak forward surge current, 8.3ms single
half sine-wave, uni-directional only (Note 1)
Maximum instantaneous forward voltage
at 25.0A for uni-directional only
Operating junction temperature range
Storage temperature range
Value
Units
Symbol
Characteristics
PPP
IPP
PD
IFSM
VF
TJ
TSTG
Minimum 500
See Next Table
3.0
70
3.5
-55 to +150
Watts
A
Watts
A
V
°C
°C
-Terminals: Axial leads, solderable per
-MIL-STD-202, method 208.
-Epoxy: UL 94V-0 rate flame retardant.
-Mounting position: Any.
-55 to +150
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV05A260JB-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV05A260JB-HF COMCHIP-TV05A260JB-HF Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV05A260JB-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com