Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV02W280B-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # TV02W280B-HF
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV02W280B-HF Datasheet(HTML) 1 Page - Comchip Technology

  TV02W280B-HF Datasheet HTML 1Page - Comchip Technology TV02W280B-HF Datasheet HTML 2Page - Comchip Technology TV02W280B-HF Datasheet HTML 3Page - Comchip Technology TV02W280B-HF Datasheet HTML 4Page - Comchip Technology TV02W280B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Working Peak Reverse Voltage:5.0-190 Volts
Peak Pulse Power:200 Watts
RoHS Device
Dimensions in inches and (millimeter)
SOD-123
0.051 (1.30)
0.037 (0.95)
0.033 (0.85)
0.010 (0.25)
0.138 (3.50)
0.075 (1.90)
0.063 (1.60)
0.114 (2.90)
0.102 (2.60)
0.047 (1.20)
0.028 (0.70)
Notes:
2. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
SMD Transient Voltage Suppressor
Page 1
QW-JTV08
REV:C
Comchip Technology CO., LTD.
TV02W5V0-HF Thru TV02W191-HF
Halogen Free
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.1
Features
- Glass passivated chip.
- Low leakage current.
- 200W peak pulse power capility with a 10/1000us
waveform,repetitive rate (duty cycle):0.01%.
- Uni and bidirectional unit.
- Excellent clamping capability.
- Very fast response time.
Mechanical data
- Case: Molded plastic.
- Epoxy: UL 94V-0 rate flame retardant.
- Lead: Solderable per
method 2026.
MIL-STD-750,
- Polarity: Color band denotes cathode end
except bipolar.
- Mounting position: Any.
Parameter
Symbol
Value
Unit
Maximum Rating and Electrical Characteristics
Power dissipation on infinite heatsink at TL = 75°C
0.4
PD
W
200
W
PPP
Peak power dissipation at 10/1000µs waveform (Note 1)
1000
W
PPP
Peak power dissipation at 8/20µs waveform (Note 1)
Peak forward surge current, 8.3ms single half sone-wave
undirestional only (Note 2)
20
IFSM
A
A
Peak pulse current with a 10/1000µs waveform (Note 1)
See next table
IPP
Operating junction and storage temperature range
-55 to +150
TJ,TSTG
°C
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Max.instantaneous forward voltage at 25A for
undirestional only
VF
3.5
V
- Weight: 0.016 grams
.
(approx.).
Circuit Diagram
Uni-directional
Bi-directional
0.002 (0.05)
0.014 (0.35)
0.153 (3.90)
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV02W280B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV02W280B-G COMCHIP-TV02W280B-G Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV02W280B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com