Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV02W240B-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # TV02W240B-HF
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV02W240B-HF Datasheet(HTML) 2 Page - Comchip Technology

  TV02W240B-HF Datasheet HTML 1Page - Comchip Technology TV02W240B-HF Datasheet HTML 2Page - Comchip Technology TV02W240B-HF Datasheet HTML 3Page - Comchip Technology TV02W240B-HF Datasheet HTML 4Page - Comchip Technology TV02W240B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rating and Characteristic Curves (TV02W5V0-HF Thru. TV02W191-HF)
Fig. 1 - Pulse Derating Curve
Ambient Temperature, (°C)
0
25
50
75
100
0
25
100
150
50
75
125
Pulse Width
0.1
1
10
0.1µs
1µs
10µs
100µs
1ms
10ms
Fig. 3 - Pulse Waveform
0
50
100
4
1
0
3
2
Time, (ms)
10/1000 µ sec.Waveform
as defined by R.E.A.
TJ=25°C
Pulse Width(td) is defined as
the point where the peak
current decays 50% of IPPM
Half Value=IPP/2
Peak Value(IPP)
Tr=10µs
td
Lead Temperature, (°C)
0
0.1
0.2
0.3
0.4
0.5
0
25
50
75
100
200
0.6
125
150
125
150 175
Fig. 5 - Maximum Non-Repetitive
Surge Current
Number of cycle at 60 Hz
0
10
30
1
20
10
100
TJ = TJ max.
8.3 ms single half sine-wave
SMD Transient Voltage Suppressor
Fig.2 - Steady State Power
Derating Curve
Fig. 4 - Peak Pulse Power
Rating Curve
Fig.6 - Typical Junction Capacitance
10000
1000
100
10
1
10
100
1000
1
Breakdown Voltage,
(V)
VBR
Bi-directional
@VRWM
O
TJ=25
f=1.0MHz
C
@VRWM
Uni-directional
Uni-directional
@zero bias
Bi-directional
@zero bias
Page 2
REV:C
Comchip Technology CO., LTD.
QW-JTV08
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV02W240B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV02W240B-G COMCHIP-TV02W240B-G Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV02W240B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com