Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21245 Datasheet(PDF) 17 Page - M/A-COM Technology Solutions, Inc.

Part # M21245
Description  3G/HD/SD-SDI Multi-rate Reclocker
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21245 Datasheet(HTML) 17 Page - M/A-COM Technology Solutions, Inc.

Back Button M21245 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M21245 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Pinout Diagram, Pin Description, and Package Drawing
21245-DSH-001-H
Mindspeed Technologies
®
17
Mindspeed Proprietary and Confidential
Figure 3-8.
3-State/I-Digital
Figure 3-9.
O-Digital
AVSS
INPUT
AVSS
2.0 kΩ
VREF_HIGH
AVSS
VREF_LOW
100 kΩ
100 kΩ
AVSS
DVDDIO
DVDDIO
DVDDIO
DVDDIO
AVSS
OUTPUT
DVDDIO


Similar Part No. - M21245

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245G-15 MA-COM-M21245G-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results

Similar Description - M21245

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
M/A-COM Technology Solu...
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21315 MA-COM-M21315 Datasheet
163Kb / 2P
   HD/SD Auto-Rate Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com