Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521G-30HF Datasheet(PDF) 1 Page - Comchip Technology

Part # RB521G-30HF
Description  SMD Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RB521G-30HF Datasheet(HTML) 1 Page - Comchip Technology

  RB521G-30HF Datasheet HTML 1Page - Comchip Technology RB521G-30HF Datasheet HTML 2Page - Comchip Technology RB521G-30HF Datasheet HTML 3Page - Comchip Technology RB521G-30HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB521G-30HF
RoHS Device
QW-JB060
Page 1
REV: A
Mechanical Data
- Terminals: Solderable per MIL-STD-750,
method 2026.
- Polarity: Indicated by cathode band.
- Mounting position: Any.
Features
- Ultra small mold type.
- High reliability
- Low VF
Company reserves the right to improve product design , functions and reliability without notice.
SMD Schottky Barrier Diodes
Cathode
Anode
1
2
Circuit Diagram
Halogen Free
Dimensions in inches and (millimeter)
SOD-723
0.043(1.10)
0.035(0.90)
0.010(0.25)
0.059(1.50)
0.051(1.30)
0.026(0.65)
0.019(0.49)
0.006(0.15)
+
-
mA
mA
V
500
100
30
IO
VR
IFSM
60Hz for 1cyc
OC
OC
+125
-40 to +125
TSTG
Tj
Storage temperature
Average rectified forward current
Reverse voltage (DC)
Forward current surge peak
Parameter
Conditions
Symbol
Limits
Unit
µA
V
10
0.35
IR
VF
Reverse current
Forward voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
VR = 10 V
IF = 10 mA
Maximum Rating (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Junction temperature
-
-
-
-
- Case: SOD-723 Standard package,
molded plastic.
Comchip Technology CO., LTD.


Similar Part No. - RB521G-30HF

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521G-30 ROHM-RB521G-30 Datasheet
43Kb / 3P
   Schottky barrier diode
logo
Pan Jit International I...
RB521G-30 PANJIT-RB521G-30 Datasheet
162Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
RB521G-30 SEMTECH_ELEC-RB521G-30 Datasheet
150Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rohm
RB521G-30 ROHM-RB521G-30 Datasheet
203Kb / 4P
   Schottky barrier diode
logo
Micro Commercial Compon...
RB521G-30 MCC-RB521G-30 Datasheet
195Kb / 3P
   100 mA Schottky Barrier Diode 30 Volts
More results

Similar Description - RB521G-30HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
   SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
   SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
   SMD Schottky Barrier Diodes
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
RB520S-30 COMCHIP-RB520S-30_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com