Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC364G8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC364G8
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC364G8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC364G8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC364G8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC364G8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC364G8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC364G8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC364G8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
10 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 13.0 GHz
HMC364G8
Evaluation PCB
List of Materials
The circuit board used in the final application should use
RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads
and backside ground slug should be connected directly
to the ground plane similar to that shown. A sufficient
number of via holes should be used to connect the top
and bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request. This evalu-
ation board is designed for single ended input testing. J2
and J3 provide differential output signals.
v00.1002
Item
Description
J1 - J3
PC Mount SMA RF Connector
C1 - C4
100 pF Capacitor, 0402 Pkg.
C5
1000 pF Capacitor, 0603 Pkg.
C6
10 uF Tantalum Capacitor
U1
HMC364G8 Divide-by-2
PCB*
104627 Eval Board
* Circuit Board Material: Rogers 4350


Similar Part No. - HMC364G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364G8 HITTITE-HMC364G8 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
More results

Similar Description - HMC364G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
267Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com