Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRW4694-G Datasheet(PDF) 5 Page - Comchip Technology

Part # CZRW4694-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW4694-G Datasheet(HTML) 5 Page - Comchip Technology

  CZRW4694-G Datasheet HTML 1Page - Comchip Technology CZRW4694-G Datasheet HTML 2Page - Comchip Technology CZRW4694-G Datasheet HTML 3Page - Comchip Technology CZRW4694-G Datasheet HTML 4Page - Comchip Technology CZRW4694-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
REV:C
QW-BZ027
Comchip Technology CO., LTD.
Suggested PAD Layout
SIZE
(inch)
0.128
(mm)
3.24
0.80
1.00
0.031
0.039
SOD-123
4.04
0.159
E
2.44
0.096
A
B
C
D
A
C
B
E
D
XX
SMD Zener Diode
Standard Packaging
Case Type
SOD-123
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Company reserves the right to improve product design , functions and reliability without notice.
Marking Code
1. XXX: Marking code (see Page.2)
XX
Part Number
Marking Code
CZRW4678-G Thru.
CZRW4717-G Series
2.
: Cathod Band


Similar Part No. - CZRW4694-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRW5221B-G COMCHIP-CZRW5221B-G Datasheet
94Kb / 4P
   Surface Mount Zener Diodes
CZRW5221B-HF COMCHIP-CZRW5221B-HF Datasheet
198Kb / 5P
   SMD Zener Diode
CZRW5222 COMCHIP-CZRW5222 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRW5222B-G COMCHIP-CZRW5222B-G Datasheet
94Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - CZRW4694-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com