Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRM5232B-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # CZRM5232B-HF
Description  SMD Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRM5232B-HF Datasheet(HTML) 5 Page - Comchip Technology

  CZRM5232B-HF Datasheet HTML 1Page - Comchip Technology CZRM5232B-HF Datasheet HTML 2Page - Comchip Technology CZRM5232B-HF Datasheet HTML 3Page - Comchip Technology CZRM5232B-HF Datasheet HTML 4Page - Comchip Technology CZRM5232B-HF Datasheet HTML 5Page - Comchip Technology CZRM5232B-HF Datasheet HTML 6Page - Comchip Technology CZRM5232B-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
RATING AND CHARACTERISTIC CURVES (
)
CZRM5221B-HF Thru. CZRM5263B-HF
SMD Zener Diode
Fig.7 - Typical Leakage Current
Nominal Zener Voltage, (V)
+150°C
-55°C
+25°C
0
40
20
10
50
60
30
70
80
0.0001
1000
10
0.1
0.00001
0.001
0.01
1
100
0.1
100
0
8
4
10
Zener Voltage, (V)
1
0.01
2
10
12
TA= 25°C
Fig.5 - Zener Breakdown Characteristics
6
0.1
100
10
10
Zener Voltage, ( V )
1
0.01
30
Fig.6 - Zener Breakdown Characteristics
50
70
TA= 25°C
REV: C
QW-JZ005
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRM5232B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRM27C100P COMCHIP-CZRM27C100P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C10P COMCHIP-CZRM27C10P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C110P COMCHIP-CZRM27C110P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C11P COMCHIP-CZRM27C11P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C120P COMCHIP-CZRM27C120P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRM5232B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com