Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRZ5V1B-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRZ5V1B-HF
Description  SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRZ5V1B-HF Datasheet(HTML) 2 Page - Comchip Technology

  CZRZ5V1B-HF Datasheet HTML 1Page - Comchip Technology CZRZ5V1B-HF Datasheet HTML 2Page - Comchip Technology CZRZ5V1B-HF Datasheet HTML 3Page - Comchip Technology CZRZ5V1B-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Zener Diode
Page 2
REV:B
QW-JZ007
Electrical Characteristics ( TA=25°C unless otherwise specified )
Max
@IZT
mA
µA
IR@VR
CZRZ5V1B-HF
4.84
5.10
5.37
5
2.0
1.5
CZRZ6V8B-HF
6.47
6.80
7.14
5
0.5
3.5
Leakage
Volts
Part Number
Zener Voltage
Min
Nom
VZ(Volts)
CZRZ4V7B-HF
4.42
4.70
4.90
5
2.0
1.0
Company reserves the right to improve product design , functions and reliability without notice.
Operating
resistance
ZZT(Ohm)
Max
IZT(mA)
Rising Operating
Resistance
ZZK(Ohm)
Max
IZK(mA)
5
0.5
5
0.5
5
0.5
500
60
800
CZRZ5V6B-HF
5.31
5.60
5.92
5
1.0
2.5
5
0.5
200
80
40
100
60
Current
RATING AND CHARACTERISTIC CURVES
0
20
40
60
80
100
0
25
50
75
125
O
Ambient Temperature, ( C)
Fig.3 - Current Derating Curve
Reverse Voltage, (V)
Fig.2 - Zener Breakdown
Characteristics
100
CZRZ3V3B-HF
3.16
3.30
3.53
5
20
1.0
5
1.0
1000
100
10.0
1.0
0.1
0
2
8
0
1
3
4
5
6
7
Mounting on glass epoxy PCBs
0.8
0.6
0
Forward Voltage, (V)
Fig.1 - Forward Characteristics
1
10
100
0.7
0.9
1.0
Comchip Technology CO., LTD.


Similar Part No. - CZRZ5V1B-HF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CZRZ5V1B-HF IDT-CZRZ5V1B-HF Datasheet
1Mb / 35P
   Wireless Power Receiver for 15W Applications
More results

Similar Description - CZRZ5V1B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com