Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRM5242B-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRM5242B-HF
Description  SMD Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRM5242B-HF Datasheet(HTML) 1 Page - Comchip Technology

  CZRM5242B-HF Datasheet HTML 1Page - Comchip Technology CZRM5242B-HF Datasheet HTML 2Page - Comchip Technology CZRM5242B-HF Datasheet HTML 3Page - Comchip Technology CZRM5242B-HF Datasheet HTML 4Page - Comchip Technology CZRM5242B-HF Datasheet HTML 5Page - Comchip Technology CZRM5242B-HF Datasheet HTML 6Page - Comchip Technology CZRM5242B-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD Zener Diode
Voltage: 2.4 to 56 Volts
Power: 500 mWatts
RoHS Device
Page 1
REV: C
Features
- Surface Device Type Mounting.
- Moisture Sensitivity Level 1.
- Ideally suited for automated assembly
processes.
Mechanical data
- Case: SOD-123 Flat Lead,Molded plastic.
- Terminals: Solder Plated,solderable per
MIL-STD-750,method 2026.
- Polarity: Cathode band.
CZRM5221B-HF Thru CZRM5263B-HF
Dimensions in inches and (millimeter)
SOD-123 Flat Lead
QW-JZ005
Halogen Free
Parameter
Symbol
Value
Unit
Maximum Ratings (@Ta=25°C unless otherwise specified)
mW
Power Dissipation
500
PD
Storage Temperature Range
Operating and Storage Temperature Range
-65 to +150
TOPR
°C
TSTG
°C
Notes: 1. These ratings are limiting values above which the serviceability of the diode may be impaired.
0.146(3.70)
0.130(3.30)
0.106(2.70)
0.098(2.50)
0.067(1.70)
0.059(1.50)
0.028(0.70)
0.020(0.50)
0.039(1.00)
0.031(0.80)
0.008(0.20)
0.002(0.05)
-65 to +150
2. Company reserves the right to improve product design , functions and reliability without notice.
- Clip bonding construction, good thermal capability.
Circuit Diagram
Cathode
Comchip Technology CO., LTD.
Anode
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRM5242B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRM27C100P COMCHIP-CZRM27C100P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C10P COMCHIP-CZRM27C10P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C110P COMCHIP-CZRM27C110P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C11P COMCHIP-CZRM27C11P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C120P COMCHIP-CZRM27C120P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRM5242B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com