Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS11DLU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCS11DLU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS11DLU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCS11DLU_14 Datasheet HTML 1Page - Toshiba Semiconductor TCS11DLU_14 Datasheet HTML 2Page - Toshiba Semiconductor TCS11DLU_14 Datasheet HTML 3Page - Toshiba Semiconductor TCS11DLU_14 Datasheet HTML 4Page - Toshiba Semiconductor TCS11DLU_14 Datasheet HTML 5Page - Toshiba Semiconductor TCS11DLU_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCS11DLU
2014-03-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11DLU
Digital Output Magnetic Sensor
Feature
Open-Drain Output with Inverted Logic
South-Pole or North-pole Detection
Marking
Pin Assignment (top view)
Function Table
Note 1: A 0.47μF capacitor should be connected near the device. This
condition will not guarantee successful operation. Check the
performance thorough evaluation using the actual application to set
the condition.
Note 2: The GND1 and GND2 pins should be tied to ground.
The GND2 pin is used as a test pin during production.
Note 3: In the high-impedance state.
Weight: 7.0 mg (typ.)
Magnetic Flux
Density
Output
≥ BON
Z (Note 3)
≤ BOFF
L
LB3
VOUT GND1
(Note 2)
VCC (Note 1)
NC
GND2 (Note 2)
1
2
3
4
5
UFV
Start of commercial production
2008-09


Similar Part No. - TCS11DLU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
More results

Similar Description - TCS11DLU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com