Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRW4678-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRW4678-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRW4678-G Datasheet(HTML) 2 Page - Comchip Technology

  CZRW4678-G Datasheet HTML 1Page - Comchip Technology CZRW4678-G Datasheet HTML 2Page - Comchip Technology CZRW4678-G Datasheet HTML 3Page - Comchip Technology CZRW4678-G Datasheet HTML 4Page - Comchip Technology CZRW4678-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Zener Diode
Page 2
REV:C
QW-BZ027
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Electrical Characteristics ( at TA = 25°C unless otherwise noted)
Max
@IZT
µA
µA
IR@VR
CZRW4678-G
1.71
1.8
1.89
50
7.5
1
Leakage Current
Volts
Part Number
Zener Voltage (Note 1)
Min
Nom
VZ(Volts)
Notes: 1. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL=30°C ±1°C
CC
Marking
Code
CZRW4679-G
1.90
2.0
2.10
50
5
1
CD
CZRW4680-G
2.09
2.2
2.31
50
4
1
CE
CZRW4681-G
2.28
2.4
2.52
50
2
1
CF
CZRW4682-G
2.565
2.7
2.835
50
1
1
CH
CZRW4683-G
2.85
3.0
3.15
50
0.8
1
CJ
CZRW4684-G
3.13
3.3
3.47
50
7.5
1.5
CK
CZRW4685-G
3.42
3.6
3.78
50
7.5
2
CM
CZRW4686-G
3.70
3.9
4.10
50
5
2
CN
CZRW4687-G
4.09
4.3
4.52
50
4
2
CP
CZRW4688-G
4.47
4.7
4.94
50
10
3
CT
CZRW4689-G
4.85
5.1
5.36
50
10
3
CU
CZRW4690-G
5.32
5.6
5.88
50
10
4
CV
CZRW4691-G
5.89
6.2
6.51
50
10
5
CA
CZRW4692-G
6.46
6.8
7.14
50
10
5.1
CX
CZRW4693-G
7.13
7.5
7.88
50
10
5.7
CY
CZRW4694-G
7.79
8.2
8.61
50
1
6.2
CZ
CZRW4695-G
8.27
8.7
9.14
50
1
6.6
DC
CZRW4696-G
8.65
9.1
9.56
50
1
6.9
DD
CZRW4697-G
9.50
10
10.50
50
1
7.6
DE
CZRW4698-G
10.45
11
11.55
50
0.05
8.4
DF
CZRW4699-G
11.40
12
12.60
50
0.05
9.1
DH
CZRW4700-G
12.35
13
13.65
50
0.05
9.8
DJ
CZRW4701-G
13.30
14
14.70
50
0.05
10.6
DK
CZRW4702-G
14.25
15
15.75
50
0.05
11.4
DM
CZRW4703-G
15.20
16
16.80
50
0.05
12.1
DN
CZRW4704-G
16.15
17
17.85
50
0.05
12.9
DP
CZRW4705-G
17.10
18
18.90
50
0.05
13.6
DT
CZRW4706-G
18.05
19
19.95
50
0.05
14.4
DU
CZRW4707-G
19.00
20
21.00
50
0.01
15.2
DV
CZRW4708-G
20.90
22
23.10
50
0.01
16.7
DA
CZRW4709-G
22.80
24
25.20
50
0.01
18.2
DX
CZRW4710-G
23.75
25
26.25
50
0.01
19.0
DY
CZRW4711-G
25.65
27
28.35
50
0.01
20.4
EA
CZRW4712-G
26.60
28
29.40
50
0.01
21.2
EC
CZRW4713-G
28.50
30
31.50
50
0.01
22.8
ED
CZRW4714-G
31.35
33
34.65
50
0.01
25.0
EE
CZRW4715-G
34.20
36
37.80
50
0.01
27.3
EF
CZRW4716-G
37.05
39
40.95
50
0.01
29.6
EH
CZRW4717-G
40.85
43
45.15
50
0.01
32.6
EJ


Similar Part No. - CZRW4678-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRW5221B-G COMCHIP-CZRW5221B-G Datasheet
94Kb / 4P
   Surface Mount Zener Diodes
CZRW5221B-HF COMCHIP-CZRW5221B-HF Datasheet
198Kb / 5P
   SMD Zener Diode
CZRW5222 COMCHIP-CZRW5222 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRW5222B-G COMCHIP-CZRW5222B-G Datasheet
94Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - CZRW4678-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com