Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS10NPU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TCS10NPU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TCS10NPU Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCS10NPU
2014-03-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10NPU
Digital-Output Magnetic Sensor
Feature
Push-Pull Output
North-Pole Detection
Marking
Pin Assignment (top view)
Function Table
Note 1: A 0.47μF capacitor should be connected near the device. This
condition will not guarantee successful operation. Check the
performance thorough evaluation using the actual application to set the
condition.
Note 2: The GND1 and GND2 pins should be tied to ground. The GND2 pin is
used as a test pin during production.
Weight: 7.0 mg (typ.)
Magnetic Flux
Density
Output
≥ BON
L
≤ BOFF
H
PA2
VCC (Note 1) GND2 (Note 2)
VOUT GND1
(Note 2)
NC
12
3
4
5
UFV
Start of commercial production
2007-12


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn