Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRL55C6V2-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRL55C6V2-G
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL55C6V2-G Datasheet(HTML) 3 Page - Comchip Technology

  CZRL55C6V2-G Datasheet HTML 1Page - Comchip Technology CZRL55C6V2-G Datasheet HTML 2Page - Comchip Technology CZRL55C6V2-G Datasheet HTML 3Page - Comchip Technology CZRL55C6V2-G Datasheet HTML 4Page - Comchip Technology CZRL55C6V2-G Datasheet HTML 5Page - Comchip Technology CZRL55C6V2-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Zener Diode
Page 3
REV:B
RATING AND CHARACTERISTIC CURVES (
)
CZRL55C2V4-G Thru CZRL55C75-G
QW-BZ012
O
TA, Ambient temperature (
C)
0
40
80
120
160
200
0
100
200
300
400
500
600
Fig.1-Total Power Dissipation vs.
Ambient Temperature
-60
0
60
120
180
240
1.0
1.1
0.8
0.9
1.2
1.3
-4
8
×10 /K
O
VZtn=VZt/VZ(25
C)
-4
TKVZ=10
×10 /K
-4
6
×10 /K
-4
4
×10 /K
-4
2
×10 /K
0
-4
-2
×10 /K
-4
-4
×10 /K
O
TJ, Junction Temperature (
C)
Fig.3-Typical Change of Working Voltage
vs. Junction Temperature
Fig.2-Typical Change of Working Voltage
O
Under Operating Condition at TA=25
C
0
VZ, Z Voltage (V)
1
5
10
15
20
25
10
100
1000
IZ=5mA
O
TJ=25 C
Fig.4-Temperature Coefficient
of Vz vs. Z-Voltage
VZ, Z Voltage (V)
0
10
20
30
40
50
-5
0
5
10
15
IZ=5mA
Fig.5-Diode Capacitance vs. Z-Voltage
0
5
10
15
20
25
0
50
100
150
200
VZ, Z Voltage (V)
VR=2V
O
TJ=25 C
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRL55C6V2-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRL55C6V2 COMCHIP-CZRL55C6V2 Datasheet
292Kb / 6P
   Surface Mount Zener Diodes
More results

Similar Description - CZRL55C6V2-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com