Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6J414TU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM6J414TU
Description  MOSFETs Silicon P-Channel MOS (U-MOSVI)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6J414TU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM6J414TU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 5Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 6Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 7Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 8Page - Toshiba Semiconductor SSM6J414TU_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SSM6J414TU
4
5.4.
5.4.
5.4.
5.4. Gate Charge Characteristics (T
Gate Charge Characteristics (T
Gate Charge Characteristics (T
Gate Charge Characteristics (Taaaa = 25
= 25
= 25
= 25
 unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
Characteristics
Total gate charge (gate-source plus gate-drain)
Gate-source charge 1
Gate-drain charge
Symbol
Qg
Qgs1
Qgd
Test Condition
VDD = -10 V, VGS = -4.5 V,
ID = -6.0 A
Min
Typ.
23.1
3.8
4.1
Max
Unit
nC
5.5.
5.5.
5.5.
5.5. Source-Drain Characteristics (T
Source-Drain Characteristics (T
Source-Drain Characteristics (T
Source-Drain Characteristics (Taaaa = 25
= 25
= 25
= 25
 unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
Characteristics
Diode forward voltage
(Note 1)
Symbol
VDSF
Test Condition
ID = 6.0 A, VGS = 0 V
Min
Typ.
0.74
Max
1.2
Unit
V
Note 1: Pulse measurement.
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
2014-04-04
Rev.4.0


Similar Part No. - SSM6J414TU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J414TU TOSHIBA-SSM6J414TU Datasheet
221Kb / 9P
   Power Management Switches
More results

Similar Description - SSM6J414TU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J340R TOSHIBA-SSM3J340R_V01 Datasheet
350Kb / 8P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2019-05-17 Rev.3.0
SSM3J140TU TOSHIBA-SSM3J140TU_V01 Datasheet
293Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.3.0
SSM3J351R TOSHIBA-SSM3J351R_V01 Datasheet
242Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
SSM3J132TU TOSHIBA-SSM3J132TU_V01 Datasheet
451Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-10-22 Rev.1.0
SSM3J375F TOSHIBA-SSM3J375F_V01 Datasheet
288Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-15 Rev.2.0
SSM3J145TU TOSHIBA-SSM3J145TU_V01 Datasheet
274Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.2.0
SSM3J66MFV TOSHIBA-SSM3J66MFV_V01 Datasheet
287Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-09-28 Rev.3.0
SSM3J328R TOSHIBA-SSM3J328R_V01 Datasheet
413Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-10-22 Rev.1.0
SSM3J374R TOSHIBA-SSM3J374R_V01 Datasheet
286Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.2.0
SSM6J505NU TOSHIBA-SSM6J505NU_14 Datasheet
241Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com