Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRM5224B-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRM5224B-HF
Description  SMD Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRM5224B-HF Datasheet(HTML) 3 Page - Comchip Technology

  CZRM5224B-HF Datasheet HTML 1Page - Comchip Technology CZRM5224B-HF Datasheet HTML 2Page - Comchip Technology CZRM5224B-HF Datasheet HTML 3Page - Comchip Technology CZRM5224B-HF Datasheet HTML 4Page - Comchip Technology CZRM5224B-HF Datasheet HTML 5Page - Comchip Technology CZRM5224B-HF Datasheet HTML 6Page - Comchip Technology CZRM5224B-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
SMD Zener Diode
Electrical Characteristics (Ta = 25°C)
Marking
Code
Part Number
Min
Max
IZT(mA)
Max
IZK(mA)
Max
VR(V)
IR @ VR
Nom
Max
CZRM5253B-HF
CZRM5254B-HF
CZRM5255B-HF
CZRM5256B-HF
CZRM5257B-HF
CZRM5258B-HF
CZRM5259B-HF
CZRM5260B-HF
CZRM5261B-HF
CZRM5263B-HF
Z25V
Z27V
Z28V
Z30V
Z33V
Z36V
Z39V
Z43V
Z47V
Z56V
23.75
25.65
26.60
28.50
31.35
34.20
37.05
40.85
44.65
53.20
600
600
600
600
700
700
800
900
1000
1300
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
19
21
21
23
25
27
30
33
36
43
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.2
35
41
44
49
58
70
80
93
105
150
26.25
28.35
29.40
31.50
34.65
37.80
40.95
45.15
49.35
58.80
25
27
28
30
33
36
39
43
47
56
CZRM5262B-HF
Z51V
48.45
1100
0.25
0.1
39
2.5
125
53.55
51
CZRM5251B-HF
CZRM5252B-HF
Z22V
Z24V
20.90
22.80
600
600
0.25
0.25
0.1
0.1
17
18
5.6
5.2
29
33
23.10
25.20
22
24
VZ @ IZT
(Volts)
ZZT @
IZT
(Ohm)
ZZK
@ IZK
(Ohm)
(μA)
4. Company reserves the right to improve product design , functions and reliability without notice.
Notes: 1. The zener voltage (VZ) is tested under pulse condition of 15mS.
The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal
to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
REV: C
QW-JZ005
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CZRM5224B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRM27C100P COMCHIP-CZRM27C100P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C10P COMCHIP-CZRM27C10P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C110P COMCHIP-CZRM27C110P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C11P COMCHIP-CZRM27C11P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRM27C120P COMCHIP-CZRM27C120P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRM5224B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com