Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6J412TU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM6J412TU
Description  TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6J412TU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM6J412TU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM6J412TU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM6J412TU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM6J412TU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM6J412TU_14 Datasheet HTML 5Page - Toshiba Semiconductor SSM6J412TU_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSM6J412TU
2014-03-01
3
0
-2
-4
-6
Gate–source voltage VGS (V)
0
RDS (ON) – VGS
-8
60
− 25 °C
25 °C
140
Ta
= 100 °C
120
80
40
20
ID =-0.5A
Common Source
Pulse test
100
Gate–source voltage VGS (V)
ID – VGS
-100
-0.0001
0
-1
-10
-0.01
-0.1
-0.001
-2.0
−25 °C
Common Source
VDS = -3 V
Pulse test
Ta
= 100 °C
25 °C
-0.5
-1.5
-1.0
Ambient temperature Ta (°C)
RDS (ON) – Ta
120
0
−50
ID = -0.5 A / VGS = -1.5 V
0
50
150
20
40
60
80
100
-2.5 A / -2.5 V
-3.0 A / -4.5 V
-1.5 A / -1.8 V
140
Drain–source voltage VDS (V)
ID – VDS
0
-10
0
-0.2
-0.6
-0.8
-1
-6
-2
-4
Common Source
Ta
= 25 °C
Pulse test
-1.8 V
-2.5 V
-0.4
VGS =-4.5 V
-8
RDS (ON) – VGS
Gate–source voltage VGS (V)
RDS (ON) – ID
-1.5 V
0
-2
-4
-6
0
-8
60
− 25 °C
25 °C
140
Ta
= 100 °C
120
80
40
20
ID =-2.5A
Common Source
Pulse test
100
-8.0
Drain current ID (A)
0
-2.0
-4.0
0
-6.0
140
VGS = -1.5 V
-2.5 V
-1.8 V
120
100
80
40
20
60
-4.5 V
-10.0
Common Source
Pulse test
100
Common Source
Ta = 25°C
Pulse test


Similar Part No. - SSM6J412TU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
   Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6J412TU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU_14 Datasheet
210Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J135TU TOSHIBA-SSM3J135TU_14 Datasheet
214Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_14 Datasheet
235Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J501NU TOSHIBA-SSM6J501NU_14 Datasheet
212Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOSVI)
SSM3J334R TOSHIBA-SSM3J334R Datasheet
235Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J334R TOSHIBA-SSM3J334R_V01 Datasheet
476Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
2018-10-04
SSM3J332R TOSHIBA-SSM3J332R_V01 Datasheet
351Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
2018-10-15
SSM3J132TU TOSHIBA-SSM3J132TU Datasheet
215Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J213FE TOSHIBA-SSM6J213FE Datasheet
226Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J214FE TOSHIBA-SSM6J214FE Datasheet
215Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J56MFV TOSHIBA-SSM3J56MFV_14 Datasheet
197Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com