Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRH584C2V4-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CZRH584C2V4-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRH584C2V4-G Datasheet(HTML) 4 Page - Comchip Technology

  CZRH584C2V4-G Datasheet HTML 1Page - Comchip Technology CZRH584C2V4-G Datasheet HTML 2Page - Comchip Technology CZRH584C2V4-G Datasheet HTML 3Page - Comchip Technology CZRH584C2V4-G Datasheet HTML 4Page - Comchip Technology CZRH584C2V4-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
SMD Zener Diode
REV: A
QW-BZ025
Comchip Technology CO., LTD.
B
C
d
D
D2
D1
SOD-523
SYMBOL
A
(mm)
(inch)
2.125 ± 0.020
2.00 ± 0.05
Φ1.50 + 0.10
54.00 ± 0.5
13.00 ± 0.5
4.00 ± 0.10
2.00 ± 0.05
178
1.0
±
0.059 ± 0.004
7.008 ± 0.039
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.079 ± 0.002
0.158 ± 0.004
0.079 ± 0.002
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ± 0.002
SOD-523
0.95 ± 0.05
0.037 ± 0.002
1.94 ± 0.05
0.076 ± 0.002
0.73 ± 0.05
0.029 ± 0.002
9.50 ± 1.00
0.374 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
Reel Taping Specification
Trailer
Device
Leader
Fast 100pcs empty
.......
.......
.......
.......
.......
.......
.... ...
.......
End
Start
Direction of Feed
Last 50pcs empty
D1
D2
D
W1
T
C
d
E
F
Index hole
P0
P
P1
A
B
F


Similar Part No. - CZRH584C2V4-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRH5221B-G COMCHIP-CZRH5221B-G Datasheet
195Kb / 5P
   SMD Zener Diode
CZRH5222B-G COMCHIP-CZRH5222B-G Datasheet
195Kb / 5P
   SMD Zener Diode
CZRH5223B-G COMCHIP-CZRH5223B-G Datasheet
195Kb / 5P
   SMD Zener Diode
CZRH5225B-G COMCHIP-CZRH5225B-G Datasheet
195Kb / 5P
   SMD Zener Diode
CZRH5226B-G COMCHIP-CZRH5226B-G Datasheet
195Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRH584C2V4-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com