Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6J215FE Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # SSM6J215FE
Description  MOSFETs Silicon P-Channel MOS (U-MOSVI)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6J215FE Datasheet(HTML) 6 Page - Toshiba Semiconductor

  SSM6J215FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 6Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 7Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 8Page - Toshiba Semiconductor SSM6J215FE Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SSM6J215FE
6
Fig.
Fig.
Fig.
Fig. 7.7
7.7
7.7
7.7 V
V
V
Vth
th
th
th
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 7.8
7.8
7.8
7.8 |Y
|Y
|Y
|Yfs
fs
fs
fs
| - I
| - I
| - I
| - ID
D
D
D
Fig.
Fig.
Fig.
Fig. 7.9
7.9
7.9
7.9 IIIIDR
DR
DR
DR
- V
- V
- V
- VDS
DS
DS
DS
Fig.
Fig.
Fig.
Fig. 7.10
7.10
7.10
7.10 C - V
C - V
C - V
C - VDS
DS
DS
DS
Fig.
Fig.
Fig.
Fig. 7.11
7.11
7.11
7.11 t - I
t - I
t - I
t - ID
D
D
D
Fig.
Fig.
Fig.
Fig. 7.12
7.12
7.12
7.12 Dynamic Input/Output Characteristics
Dynamic Input/Output Characteristics
Dynamic Input/Output Characteristics
Dynamic Input/Output Characteristics
2014-04-04
Rev.2.0


Similar Part No. - SSM6J215FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM6J212FE TOSHIBA-SSM6J212FE_14 Datasheet
213Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J213FE TOSHIBA-SSM6J213FE Datasheet
226Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J214FE TOSHIBA-SSM6J214FE Datasheet
215Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results

Similar Description - SSM6J215FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J340R TOSHIBA-SSM3J340R_V01 Datasheet
350Kb / 8P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2019-05-17 Rev.3.0
SSM3J140TU TOSHIBA-SSM3J140TU_V01 Datasheet
293Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.3.0
SSM3J351R TOSHIBA-SSM3J351R_V01 Datasheet
242Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
SSM3J132TU TOSHIBA-SSM3J132TU_V01 Datasheet
451Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-10-22 Rev.1.0
SSM3J375F TOSHIBA-SSM3J375F_V01 Datasheet
288Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-15 Rev.2.0
SSM3J145TU TOSHIBA-SSM3J145TU_V01 Datasheet
274Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.2.0
SSM3J66MFV TOSHIBA-SSM3J66MFV_V01 Datasheet
287Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-09-28 Rev.3.0
SSM6J414TU TOSHIBA-SSM6J414TU_14 Datasheet
220Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_V01 Datasheet
413Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-10-22 Rev.1.0
SSM3J374R TOSHIBA-SSM3J374R_V01 Datasheet
286Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.2.0
SSM6J505NU TOSHIBA-SSM6J505NU_14 Datasheet
241Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com