Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC361S8G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC361S8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC361S8G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC361S8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC361S8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
10 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
HMC361S8G
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 10.0 GHz
General Description
Features
Functional Diagram
The HMC361S8G is a low noise Divide-by-2
Static Divider with InGaP GaAs HBT technology
in an 8 lead surface mount plastic package. This
device operates from DC (with a square wave
input) to 10 GHz input frequency with a single
+5.0V DC supply. The low additive SSB phase
noise of -148 dBc/Hz at 100 kHz offset helps the
user maintain good system noise performance.
Ultra Low SSB Phase Noise: -148 dBc/Hz
Wide Bandwidth
Output Power: 3 dBm
Single DC Supply: +5V
S8G SMT Package
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= 5V
Typical Applications
Prescaler for DC to X Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Pt-Pt and Pt-MPt Radios
• VSAT
1. Divider will operate down to DC for square-wave input signal.
v02.1202
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
10
11
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
0.5
GHz
Input Power Range
Fin = 1 to 8 GHz
-15
>-20
+10
dBm
Fin = 8 to 10 GHz
-10
>-15
+2
dBm
Output Power
Fin = 6 GHz
0
3
dBm
Fin = 10 GHz
-6
dBm
Reverse Leakage
Both RF Outputs Terminated
45
dB
SSB Phase Noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-148
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc)
83
mA


Similar Part No. - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G Datasheet
646Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
HMC361S8G HITTITE-HMC361S8G Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
   Satellite communication systems
logo
Hittite Microwave Corpo...
HMC361S8GE HITTITE-HMC361S8GE Datasheet
646Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
logo
Analog Devices
HMC361S8GE AD-HMC361S8GE Datasheet
385Kb / 6P
   Satellite communication systems
More results

Similar Description - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364S8G HITTITE-HMC364S8G_09 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC492LP3 HITTITE-HMC492LP3 Datasheet
256Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC361S8G HITTITE-HMC361S8G_08 Datasheet
646Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
logo
Analog Devices
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com