Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08061 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08061
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08061 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC08061 Datasheet HTML 7Page - National Semiconductor (TI) ADC08061 Datasheet HTML 8Page - National Semiconductor (TI) ADC08061 Datasheet HTML 9Page - National Semiconductor (TI) ADC08061 Datasheet HTML 10Page - National Semiconductor (TI) ADC08061 Datasheet HTML 11Page - National Semiconductor (TI) ADC08061 Datasheet HTML 12Page - National Semiconductor (TI) ADC08061 Datasheet HTML 13Page - National Semiconductor (TI) ADC08061 Datasheet HTML 14Page - National Semiconductor (TI) ADC08061 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Information (Continued)
have a voltage drop of 1/256 of the total reference voltage
(V
REF+ −VREF−) across them. The remaining resistors make
up the MSB Ladder. They are made up of eight groups of
four resistors connected in series. Each MSB Ladder section
has 18 of the total reference voltage across it. Within a given
MSB Ladder section, each of the MSB resistors has 8/256,
or 1/32 of the total reference voltage across it. Tap points are
found between all of the resistors in both the MSB and LSB
Ladders. Through the Comparator Multiplexer these tap
points can be connected, in groups of eight, to the eight com-
parators shown at the right of
Figure 6. This function pro-
vides the necessary reference voltages to the comparators
during each flash conversion.
The six comparators, seven-resistor string (estimator DAC),
and Estimator Decoder at the left of
Figure 6 form the Volt-
age Estimator. The estimator DAC connected between
V
REF+ and VREF− generates the reference voltages for the
six Voltage Estimator comparators. These comparators per-
form a very low resolution A/D conversion to obtain an “esti-
mate” of the input voltage. This estimate is then used to con-
trol the Comparator Multiplexer, connecting the appropriate
MSB Ladder section to the eight flash comparators. Only 14
comparators, six in the Voltage Estimator and eight in the
flash converter, are needed to achieve the full eight-bit reso-
lution, instead of 32 comparators that would be needed by
traditional half-flash methods.
A conversion begins with the Voltage Estimator comparing
the analog input signal against the six tap voltages on the es-
timator DAC. The estimator decoder then selects one of the
groups of tap points along the MSB Ladder. These eight tap
points are then connected to the eight flash comparators.
For example, if the analog input signal applied to V
IN is be-
tween 0 and 3/16 of V
REF (VREF = VREF+ −VREF−), the esti-
mator decoder instructs the comparator multiplexer to select
the eight tap points between 8/256 and 2/8 of V
REF and con-
nects them to the eight flash comparators. The first flash
conversion is now performed, producing the five MSBs of
data.
The remaining three LSBs are generated next using the
same eight comparators that were used for the first flash
conversion. As determined by the results of the MSB flash, a
voltage from the MSB Ladder equivalent to the magnitude of
DS011086-18
FIGURE 6. Block Diagram of the ADC08061/2 Multi-Step Flash Architecture
www.national.com
11


Similar Part No. - ADC08061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08061 NSC-ADC08061 Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08061BIN NSC-ADC08061BIN Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08061CIWM NSC-ADC08061CIWM Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08061 NSC-ADC08061_09 Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
More results

Similar Description - ADC08061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08061 NSC-ADC08061_09 Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08161 NSC-ADC08161 Datasheet
246Kb / 15P
   500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com