Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL100-12AA2101 Datasheet(PDF) 2 Page - SICK AG

Part # DL100-12AA2101
Description  LONG RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DL100-12AA2101 Datasheet(HTML) 2 Page - SICK AG

  DL100-12AA2101 Datasheet HTML 1Page - SICK AG DL100-12AA2101 Datasheet HTML 2Page - SICK AG DL100-12AA2101 Datasheet HTML 3Page - SICK AG DL100-12AA2101 Datasheet HTML 4Page - SICK AG DL100-12AA2101 Datasheet HTML 5Page - SICK AG DL100-12AA2101 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DL100-12AA2101 | Dx100
LONG RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Illustration may differ
Ordering information
Type
Part no.
DL100-12AA2101
1059963
Other models and accessories
www.sick.com/Dx100
Detailed technical data
Performance
Measuring range
0.15 m ... 130 m, on reflective tape "Diamond Grade"
Resolution
0.1 mm, 0.125 mm, 1 mm, 10 mm, 100 mm
Repeatability
2 mm (at dead time 10 ms), 1 mm (at dead time 30 ms) 1)
Accuracy
± 4 mm 2)
Output time
Synchronous to PLC request (dependent on interfaces)
Light source
Laser, red 3)
Laser class
2 (EN 60825-1 / CDRH)
Typ. light spot size (distance)
5 mm (+ 2 mm x distance in m)
Max. movement speed
30 m/s
Internal measurement cycle
1 ms
1) Statistical error 1 σ, environmental conditions constant, depending on operating mode.
2) From 150 mm ... 180 mm measuring range the accuracy can reach ± 4 mm.
3) Average service life: 100,000 h at TU = +25 °C.
Interfaces
Switching output
B (push/pull), MF1, MF2 1)
Multifunctional input (MF)
1 x MF1 2)
Data interface
SSI
1) HIGH > VS - 3 V / LOW < 2 V.
2) HIGH > 12 V / LOW < 3 V.
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V, limit values
Ripple
5 Vpp 1)
Initialization time
Typ. 1.5 s 2)
1) May not fall short of or exceed VS tolerances.
2) After loss of reflector < 40 ms.
3) Without mounting bracket: approx. 800 g, with mounting bracket: approx. 1,600 g.
4) Short-circuit protected, overload-protected. Max. 100 nF / 20 mH.


Similar Part No. - DL100-12AA2101

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-12AA2102 SICK-DL100-12AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2103 SICK-DL100-12AA2103 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2109 SICK-DL100-12AA2109 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DL100-12AA2101

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com