Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6J505NU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM6J505NU
Description  MOSFETs Silicon P-Channel MOS (U-MOSVI)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6J505NU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM6J505NU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 5Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 6Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 7Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 8Page - Toshiba Semiconductor SSM6J505NU_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SSM6J505NU
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Drain-source voltage
Gate-source voltage
Drain current (DC)
Drain current (pulsed)
Power dissipation
Power dissipation
Channel temperature
Storage temperature
t ≤ 10 s
(Note 1)
(Note 1),(Note 2)
(Note 3)
(Note 3)
Symbol
VDSS
VGSS
ID
IDP
PD
PD
Tch
Tstg
Rating
-12
±6
-12
-30
1.25
2.5
150
-55 to 150
Unit
V
A
W
W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Ensure that the channel temperature does not exceed 150.
Note 2: Pulse width (PW) ≤ 10 ms, duty ≤ 1%
Note 3: Device mounted on a FR4 board.
(25.4 mm × 25.4 mm × 1.6 mm, Cu Pad : 645 mm2)
Note:
The MOSFETs in this device are sensitive to electrostatic discharge. When handling this device, the worktables,
operators, soldering irons and other objects should be protected against anti-static discharge.
Note:
The channel-to-ambient thermal resistance, Rth(ch-a), and the drain power dissipation, PD, vary according to
the board material, board area, board thickness and pad area. When using this device, be sure to take heat
dissipation fully into account.
2014-04-04
Rev.3.0


Similar Part No. - SSM6J505NU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J505NU TOSHIBA-SSM6J505NU_V01 Datasheet
276Kb / 9P
   MOSFETs Silicon P-Channel MOS
2021-09-17 Rev.5.0
More results

Similar Description - SSM6J505NU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J340R TOSHIBA-SSM3J340R_V01 Datasheet
350Kb / 8P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2019-05-17 Rev.3.0
SSM3J140TU TOSHIBA-SSM3J140TU_V01 Datasheet
293Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.3.0
SSM3J351R TOSHIBA-SSM3J351R_V01 Datasheet
242Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-18 Rev.6.0
SSM3J132TU TOSHIBA-SSM3J132TU_V01 Datasheet
451Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-10-22 Rev.1.0
SSM3J375F TOSHIBA-SSM3J375F_V01 Datasheet
288Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-01-15 Rev.2.0
SSM3J145TU TOSHIBA-SSM3J145TU_V01 Datasheet
274Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.2.0
SSM3J66MFV TOSHIBA-SSM3J66MFV_V01 Datasheet
287Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-09-28 Rev.3.0
SSM6J414TU TOSHIBA-SSM6J414TU_14 Datasheet
220Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_V01 Datasheet
413Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-10-22 Rev.1.0
SSM3J374R TOSHIBA-SSM3J374R_V01 Datasheet
286Kb / 9P
   MOSFETs Silicon P-Channel MOS (U-MOSVI)
2021-05-28 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com