Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRJ24A3BBBNN Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # SRJ24A3BBBNN
Description  Rocker Switch Single Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

SRJ24A3BBBNN Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  SRJ24A3BBBNN Datasheet HTML 1Page - Cherry Semiconductor Corporation SRJ24A3BBBNN Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last updated 2015-11-02, Specifications subject to change without notice.
Rocker Switch
Single Pole
SR Series – SRJ
Features
Self-locking tabs
Minimum 50,000 operations mechanical life
RoHS compliant
Standard Parts
1
North America and Europe
SRJ22A3BBBNN
SRJ23A3BBBNN
SRJ24A3BBBNN
SRJ24A3HBBNN
1The part number configuration matrix below provides details to the part numbers above. For configurable part numbers that are not
listed above, contact the factory or your distributor.
Part Number Breakdown
SRJ22A3BBBNN
SR J 2 2 A 3
Series
Contact Rating
1
Circuitry
Switch Function
Terminal Type
2
Actuator Type
3
SR
J
2
Single pole
2
ON-OFF
A
4.8 mm (0.187”) quick
connect
3
Round
3
ON-ON
4
ON-OFF-ON
1See Electrical Specifications section
B B B N N 01
2
Actuator Marking
Housing Color
Actuator Color
Lighted
Body Type
B
Blank
B
Black
B
Black
N
Non-lighted
N
2
No Rocker Boot
C
HI
LO
W
White
W
White
D
ON
OFF
Y
Grey
Y
Grey
E
O
I
F
I
O
H
I O II
2A splash-proof boot can be ordered separately as part number 00150751


Similar Part No. - SRJ24A3BBBNN

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
SRJ24A3BBBNN ZFSWITCHES-SRJ24A3BBBNN Datasheet
235Kb / 2P
   Rocker Switch
More results

Similar Description - SRJ24A3BBBNN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
   Rocker Switch Single Pole
PRK22J5BBBNN CHERRY-PRK22J5BBBNN Datasheet
240Kb / 2P
   Rocker Switch Single Pole
SRB22A2FBBNN CHERRY-SRB22A2FBBNN Datasheet
563Kb / 2P
   Single-Pole Rocker Switch
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
   Sealed Rocker Switch Single Pole
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
   Sealed Rocker Switch Single Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
   Rocker Switch Single and Double Pole
logo
Carling Technologies
RA901-VB-B-9-V CARLINGTECH-RA901-VB-B-9-V Datasheet
599Kb / 4P
   Single Pole Rocker
logo
Cherry Semiconductor Co...
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
logo
Tyco Electronics
606377 MACOM-606377 Datasheet
582Kb / 5P
   GEMINI A SERIES ROCKER SWITCH SINGLE POLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com