Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K116TU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K116TU
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K116TU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K116TU_14 Datasheet HTML 1Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 2Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 3Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 4Page - Toshiba Semiconductor SSM3K116TU_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K116TU
2014-03-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU
High Speed Switching Applications
• 2.5V drive
• Low on-resistance:
Ron = 135mΩ (max) (@VGS = 2.5 V)
Ron = 100mΩ (max) (@VGS = 4.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-Source voltage
VDS
30
V
Gate-Source voltage
VGSS
± 12
V
DC
ID
2.2
Drain current
Pulse
IDP
4.4
A
PD (Note 1)
800
Drain power dissipation
PD (Note 2)
500
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note 1: Mounted on ceramic board.
(25.4 mm
× 25.4 mm × 0.8 mm, Cu Pad: 645 mm2 )
Note 2: Mounted on FR4 board.
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 645 mm2 )
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS
ID = 1 mA, VGS = 0
30
Drain-Source breakdown voltage
V (BR) DSX
ID = 1 mA, VGS = −12 V
18
V
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0
1
μA
Gate leakage current
IGSS
VGS = ±12V, VDS = 0
±1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.5
1.1
V
Forward transfer admittance
⏐Yfs
VDS = 3 V, ID = 0.25 A
(Note3)
1
2
S
ID = 0.5 A, VGS = 4.5 V
(Note3)
75
100
Drain-Source on-resistance
RDS (ON)
ID = 0.25 A, VGS = 2.5 V
(Note3)
95
135
m
Ω
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
245
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
41
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
33
pF
Turn-on time
ton
9
Switching time
Turn-off time
toff
VDD = 10 V, ID = 0.25 A,
VGS = 0 to 2.5 V, RG = 4.7 Ω
15
ns
Drain-Source forward voltage
VDSF
ID = −2.2A, VGS = 0 V
(Note3)
−0.83
-1.2
V
Note3: Pulse test
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2U1A
Weight: 6.6 mg (typ.)
1: Gate
2: Source
3: Drain
1.7±0.1
2.1±0.1
1
2
3
UFM
Start of commercial production
2005-06


Similar Part No. - SSM3K116TU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM3K116TU_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com