Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK09916C Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK09916C
Description  3-axis Electronic Compass
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09916C Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK09916C Datasheet HTML 1Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 2Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 3Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 4Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 5Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 6Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 7Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 8Page - Asahi Kasei Microsystems AK09916C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
[AK09916]
015007392-E-02
2015/12
- 4 -
5. Pin Configurations and Functions
Pin No.
Pin name
I/O
Type
Function
A1
VSS
-
-
Ground pin.
A3
SCL
I
CMOS
Control data clock input pin.
Input: Schmidt trigger
B1
VDD
-
Power
Positive power supply pin.
B2
TST
I/O
CMOS
Test pin.
Connect to VSS or VDD or keep this pin non-connected.
B3
SDA
I/O
CMOS
Control data input/output pin.
Input: Schmidt trigger, Output: Open-drain
6. Absolute Maximum Ratings
Vss = 0V
Parameter
Symbol
Min.
Max.
Unit
Power supply voltage
Vdd
-0.3
+2.5
V
Input voltage
(except for power supply pin)
VIN
-0.3
+2.5
V
Input current
(except for power supply pin)
IIN
-
±10
mA
Storage temperature
Tst
-40
+125
˚C
If the device is used in conditions exceeding these values, the device may be destroyed. Normal operations are not
guaranteed in such exceeding conditions.
7. Recommended Operating Conditions
Vss = 0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating temperature
Ta
-30
+85
˚C
Power supply voltage
Vdd
1.65
1.8
1.95
V


Similar Part No. - AK09916C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
More results

Similar Description - AK09916C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com