Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49006AE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C49006AE
Description  Embedded Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006AE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C49006AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49006AE Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Electrical Characteristics - 100MHz Differential HCSL Outputs
Unless otherwise specified, V
DD=3.3V±5%, Ambient Temperature 0°C to +70°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Frequency
100
MHz
Cycle-to-Cycle Jitter
T
CC/Jitter
150
ps
Peak-to-Peak Phase
Jitter
Using PCIe jitter measure-
ment method
86
PCIe 2.0 RMS Phase
Jitter
JRMS2.0
PCIe 2.0 Test Method @
100MHz Output
3.1
ps
Spread Modulation
Percentage
-0.5
0
%
Spread Modulation
Frequency
32
kHz
Duty Cycle
T
DC
45
50
55
%
SE Rise/Fall Time
Measured from 0.175V
to 0.525V
T
or , Tof
1. R
L=50-Ohm with CL =
2pF
2. Single-ended waveform
175
700
ps
Output Skew
T
OSKEW
V
T = 50%(measurement
threshold)
200
ps
High-Level Output
Voltage
V
OH
Note 2, (R
S=33-Ohm,
R
T=50-Ohm)
0.65
0.71
0.95
V
Low-Level Output
Voltage
V
OL
–0.20
0
0.05
I
OH @ 6*IREF
I
OH
–13
–14.2
–19
mA
Absolute Crossing
Point Voltage
V
CROSS
Note 2, 5, 6
0.25
0.55
V
Variation of VCROSS
over all rising clock
edges
V
CROSS Delta
Note 2, 5, 8
140
mV
Average Clock Period
Accuracy
T
PERIOD AVG
Note 3, 9, 10
–300
2800
ppm
Absolute Period
(including jitter and
spread spectrum)
T
PERIOD ABS
Note 3, 7
9.847
10.203
ns
12-0212


Similar Part No. - PI6C49006AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AAE PERICOM-PI6C49003AAE Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AE PERICOM-PI6C49003AE Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
More results

Similar Description - PI6C49006AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
   Embedded Clock Generator
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com