Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49004A Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C49004A
Description  PCIe Gen 2 Networking Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49004A Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C49004A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
PS-01
04/19/11
PI6C49004A
PCIe®Gen 2 Networking Clock Generator
Byte 1: Control Register
Bit
Description
Type
Power Up Con-
dition
Output(s) Affected
Notes
7
OE for 32.256M_Out1
RW
1
32.256M_Out1
0 = disabled
1 = enabled
6
OE for 50M_Out1
RW
1
50M_Out1
0 = disabled
1 = enabled
5
OE for 33/66/133M_Out1
RW
1
33/66/133M_Out1
0 = disabled
1 = enabled
4
OE for 100M_Q11 HCSL output
RW
1
100M_Q11
0 = disabled
1 = enabled
3
OE for 100M_Q10 HCSL output
RW
0
100M_Q10
0 = disabled
1 = enabled
2
OE for 100M_Q09 HCSL output
RW
0
100M_Q9
0 = disabled
1 = enabled
1
OE for 100M_Q08 HCSL output
RW
0
100M_Q8
0 = disabled
1 = enabled
0
OE for 100M_Q07 HCSL output
RW
0
100M_Q7
0 = disabled
1 = enabled
Byte 2: Control Register
Bit
Description
Type
Power Up Con-
dition
Output(s) Affected
Notes
7
Frequency margining select bit FS6 RW
1
33/66/133M_Out1
See 33/66/133MHz
Frequency Margin-
ing Table on Page 3
6
Frequency margining select bit FS5 RW
0
5
Frequency margining select bit FS4 RW
0
4 to 0
Reserved
R
Undefined
Not Applicable
Byte 0 - Bit 6 and Bit 5 Functionality
Bit 6
Bit 5
Description
0
X
(PD_RESET = "H" will enable all outputs; SMBus cannot control each output.)
1
0
Disables all outputs and tri-states the outputs, PD_RESET HW pin/signal = DO NOT CARE
1
1
Enable outputs according to the SMBus default values; SMBus can control each output.
PD_RESET HW pin/signal = DON'T CARE
11-0104


Similar Part No. - PI6C49004A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49004AE PERICOM-PI6C49004AE Datasheet
762Kb / 12P
   Networking Clock Generator
More results

Similar Description - PI6C49004A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
logo
Silicon Laboratories
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
   EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
   2-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Diodes Incorporated
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
   2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
   Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com