Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC329 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC329
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC329 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC329 Datasheet HTML 1Page - Hittite Microwave Corporation HMC329 Datasheet HTML 2Page - Hittite Microwave Corporation HMC329 Datasheet HTML 3Page - Hittite Microwave Corporation HMC329 Datasheet HTML 4Page - Hittite Microwave Corporation HMC329 Datasheet HTML 5Page - Hittite Microwave Corporation HMC329 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
5 - 83
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
-20
-16
-12
-8
-4
0
22
24
26
28
30
32
34
36
38
40
42
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
22
24
26
28
30
32
34
36
38
40
42
LO / RF
RF / IF
LO / IF
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
22
24
26
28
30
32
34
36
38
40
42
+ 7 dBm
+ 9 dBm
+ 11 dBm
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
22
24
26
28
30
32
34
36
38
40
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
0
1
234
567
89
10
11
12
IF Return Loss
Conversion Gain
FREQUENCY (GHz)
HMC329
Conversion Gain vs.
Temperature @ LO = +13 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +13 dBm
Isolation @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
v01.0301
GaAs MMIC DOUBLE-BALANCED
MIXER, 25 - 40 GHz


Similar Part No. - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
206Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
   22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
HMC329A-SX AD-HMC329A-SX Datasheet
438Kb / 28P
   22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
More results

Similar Description - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_07 Datasheet
206Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774A AD-HMC774A Datasheet
324Kb / 19P
   7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com