Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC329 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC329
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC329 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
5 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
HMC329
GaAs MMIC DOUBLE-BALANCED
MIXER, 25 - 40 GHz
v01.0301
General Description
Features
Functional Diagram
Passive: No DC Bias Required
Input IP3: +19 dBm
LO/RF Isolation: 42 dB
Small Size: 0.47 mm2
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC329 is ideal for:
• LMDS
• Microwave Point-to-Point Radios
• SATCOM
* Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz.
The HMC329 chip is a miniature passive double
balanced mixer which can be used as an upcon-
verter or downconverter from 25-40 GHz in a
small chip area of 0.84mm x 0.55mm. Excellent
isolations are provided by on-chip baluns, and
the chip requires no external components and no
DC bias. Measurements were made with the chip
mounted and ribbon bonded into in a 50-ohm
microstrip test fixture that contains 5-mil alumina
substrates between the chip and K-connectors.
Measured data includes the parasitic effects of
the assembly. RF connections to the chip were
made with 0.076 mm (3-mil) ribbon bond with
minimal length <0.31mm (<12 mil).
Parameter
LO = +13 dBm, IF = 1 GHz
Units
Min.
Typ.
Max.
Frequency Range, RF & LO
25 - 40
GHz
Frequency Range, IF
DC - 8
GHz
Conversion Loss
9.5
11.5
dB
Noise Figure (SSB)
9.5
11.5
dB
LO to RF Isolation
38
42
dB
LO to IF Isolation
25
35
dB
RF to IF Isolation
21
28
dB
IP3 (Input)
16
19
dBm
IP2 (Input)
45
55
dBm
1 dB Compression (Input)
8
11
dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC142GaAs MMIC DOUBLE-BALANCED MIXER 6 - 18 GHz 1 2 3 4 Hittite Microwave Corporation
HMC143GaAs MMIC DOUBLE-BALANCED MIXER 5 - 20 GHz 1 2 3 4 Hittite Microwave Corporation
HMC203GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz 1 2 3 4 Hittite Microwave Corporation
HMC216MS8GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC129LC4GaAs MMIC DOUBLE-BALANCED MIXER 4 - 8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292GaAs MMIC DOUBLE-BALANCED MIXER 18 - 32 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC144LC4GaAs MMIC DOUBLE-BALANCED MIXER 6 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292LM3CGaAs MMIC DOUBLE-BALANCED SMT MIXER 17 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC294GaAs MMIC DOUBLE-BALANCED MIXER 25 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn