Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C49003 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C49003 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Byte 1: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7
OE for 32.256M_Out1
RW
1
32.256M_Out1
0 = disabled
1 = enabled
6
OE for 50M_Out1
RW
1
50M_Out1
0 = disabled
1 = enabled
5
OE for 33/66/133M_Out1
RW
1
33/66/133M_Out1
0 = disabled
1 = enabled
4
Reserved
RW
1
Not Applicable
3 to 0
Reserved
RW
0
Not Applicable
Byte 2: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7
Frequency margining select bit FS6
RW
1
33/66/133M_Out1
See 33/66/100MHz
Frequency Select
Table on Page 3
6
Frequency margining select bit FS5
RW
0
5
Frequency margining select bit FS4
RW
0
4 to 0
Reserved
R
Undefined
Not Applicable
Byte 3: Control Register
Bit
Description
Type
Power Up Con-
dition
Output(s) Affected
Notes
7
OE for 100M_Q4 HCSL Output
RW
0
100M_Q4
0 = disabled
1 = enabled
5
OE for 100M_Q3 HCSL Output
RW
0
100M_Q3
0 = disabled
1 = enabled
4
OE for 100M_Q2 HCSL Output
RW
0
100M_Q2
0 = disabled
1 = enabled
2
OE for 100M_Q1 HCSL Output
RW
1
100M_Q1
0 = disabled
1 = enabled
1
OE for 100M_Q0 HCSL Output
RW
1
100M_Q0
0 = disabled
1 = enabled
3, 6
Reserved
RW
0
Not Applicable
0
Reserved
R
Undefined
Not Applicable
Byte 0 - Bit 6 and Bit 5 Functionality
Bit 6
Bit 5
Description
0X
PD_RESET HW pin/signal = enabled
10
Disables all outputs and tri-states the outputs, PD_RESET HW pin/signal = DO NOT CARE
11
Enable all outputs, PD_RESET HW pin/signal = DON'T CARE
09-0097


Similar Part No. - PI6C49003

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
PI6C49003AAE PERICOM-PI6C49003AAE Datasheet
843Kb / 12P
   PCIe Gen 2 Networking Clock Generator
More results

Similar Description - PI6C49003

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
   Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
   Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
   Low Power Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
   Low Power Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com