Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC327MS8G Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part No. HMC327MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC327MS8G Datasheet(HTML) 8 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MICROWAVE CORPORATION
8 - 111
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC327MS8G
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 3.0 - 4.0 GHz
Notes:
v02.1202


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC406MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC407MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 5.0 - 7.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC408LP3GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER 5.1 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC326MS8GGaAs InGaP HBT MMIC DRIVER AMPLIFIER 3.0 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC314GaAs InGaP HBT MMIC DRIVER AMPLIFIER 0.7 - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC413QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 1.6 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC450QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 0.8 - 1.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC395InGaP HBT GAIN BLOCK MMIC AMPLIFIER DC - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn