Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C48533-01 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C48533-01
Description  3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48533-01 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C48533-01_15 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48533-01_15 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48533-01_15 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48533-01_15 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48533-01_15 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48533-01_15 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48533-01_15 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PI6C48533-01
3.3V Low Skew 1-to-4
Differential/LVCMOS to LVPECL Fanout Buffer
5
Rev B
6/23/2015
AC Characteristics(1) (TA=-40oCto85oC,VCC=3.0Vto3.6V,RL=50ΩtoVCC-2V,unlessotherwisestatedbelow.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
fmax
OutputFrequency
500
800
MHz
tPd
PropagationDelay(2)
1.0
2.0
ns
Tsk(o)
Output-to-outputSkew(3)
100
ps
Tsk(pp)
Part-to-partSkew(4)
150
tr/tf
OutputRise/Falltime
20%-80%
75
300
odc
Outputdutycycle
40
60
%
Jadd
AdditiveJitter
50
fs
Notes:
1. Allparametersaremeasuredat500MHzunlessnotedotherwise
2. MeasuredfromtheVCC/2oftheinputtothedifferentialoutputcrossingpoint
3 Definedasskewbetweenoutputsatthesamesupplyvoltageandwithequalloadcondition.Measuredattheoutputsdifferentialcrossing
point.
4. Definedasskewbetweenoutputsondifferentpartsoperatingatthesamesupplyvoltageandwithequalloadcondition.Measuredatthe
outputsdifferentialcrossingpoint.
LVPECL DC Characteristics
(TA=-40oCto85oC,VCC=3.0Vto3.6V,RL=50ΩtoVCC-2V,unlessotherwisestatedbelow.)
Symbol
Parameter
Conditions
Min.
Typ. Max.
Units
IIH
InputHigh
Current
nCLK,nPCLK
VIN=VCC=3.6V
5
µA
CLK,PCLK
VIN=VCC=3.6V
150
IIL
InputLow
Current
nCLK,nPCLK
VCC=3.6V,VIN=0V
-150
CLK,PCLK
VCC=3.6V,VIN=0V
-5
VPP
Peak-to-peakVoltage
0.3
1
V
VCMR
CommonModeInputVoltage;Note(1,2)
VEE+1.5
VCC
VOH
OutputHighVoltage
VCC-1.4
VCC-0.9
VOL
OutputLowVoltage
VCC-2.0
VCC-1.6
VSWING
Peak-to-peakOutputVoltageSwing
0.6
1.0
Notes:
1. Forsingleendedapplications,themaximuminputvoltageforPCLKandnPCLKisVCC+0.3V.
2. CommonmodevoltageisdefinedasVIH.
15-0084


Similar Part No. - PI6C48533-01_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48533-01LE PERICOM-PI6C48533-01LE Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C48533-01_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Micrel Semiconductor
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8533-01 ICST-ICS8533-01 Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com