Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC326MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC326MS8G
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC326MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
8 - 100
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC326MS8G
Reverse Isolation vs. Temperature
Noise Figure vs. Temperature
v04.1203
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz
Gain, Power & Quiescent Supply
Current vs. Vpd @3.5 GHz
-20
-15
-10
-5
0
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
10
30
50
70
90
110
130
150
1.5
2
2.5
3
3.5
4
4.5
5
P1dB
Psat
Gain
Icc
Vpd (Vdc)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC314GaAs InGaP HBT MMIC DRIVER AMPLIFIER 0.7 - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC327MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 3.0 - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC406MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC407MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 5.0 - 7.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC408LP3GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER 5.1 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC413QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 1.6 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
SBA-4089DC-5 GHz Cascadable InGaP/GaAs HBT MMIC Amplifier 1 2 3 4 5 List of Unclassifed Manufacturers
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn