Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950PW Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950PW
Description  Green Phase-Shifted Full-Bridge Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28950PW Datasheet(HTML) 46 Page - Texas Instruments

Back Button UCC28950PW Datasheet HTML 42Page - Texas Instruments UCC28950PW Datasheet HTML 43Page - Texas Instruments UCC28950PW Datasheet HTML 44Page - Texas Instruments UCC28950PW Datasheet HTML 45Page - Texas Instruments UCC28950PW Datasheet HTML 46Page - Texas Instruments UCC28950PW Datasheet HTML 47Page - Texas Instruments UCC28950PW Datasheet HTML 48Page - Texas Instruments UCC28950PW Datasheet HTML 49Page - Texas Instruments UCC28950PW Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
QE _ RMS
SRMS
I
I
36.0 A
=
=
dsQE
OSS _ QE _ AVG
OSS _ SPEC
ds _ spec
V
C
C
1.6nF
V
=
»
OSS _ SPEC
C
1810pF
=
ds _ spec
V
25 V
=
INMAX
dsQE
V
V
19.5 V
a1
=
»
ds(on)QE
R
3.2m
=
W
g
QE
152nC
=
UCC28950
SLUSA16C – MARCH 2010 – REVISED NOVEMBER 2015
www.ti.com
8.2.2.8 Select FETs QE and QF
Selecting FETs for a design is an iterative process. To meet the power requirements of this design, we select 75-
V, 120-A FETs, from Fairchild, part number FDP032N08. These FETs have the following characteristics.
(83)
(84)
Calculate average FET COSS (COSS_QE_AVG) based on the data sheet parameters for COSS (COSS_SPEC), and drain
to source voltage where COSS_SPEC was measured (Vds_spec), and the maximum drain to source voltage in the
design (VdsQE) that will be applied to the FET in the application.
Voltage across FET QE and QF when they are off:
(85)
Voltage where FET COSS is specified and tested in the FET data sheet:
(86)
Specified output capacitance from FET data sheet:
(87)
Average QE and QF COSS [2]:
(88)
QE and QF RMS current:
(89)
46
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: UCC28950


Similar Part No. - UCC28950PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI-UCC28950PWR Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI-UCC28950PWR Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28951 TI1-UCC28951 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com