Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51216-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51216-EP
Description  Memory Power Solution Synchronous Buck Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51216-EP Datasheet HTML 6Page - Texas Instruments TPS51216-EP Datasheet HTML 7Page - Texas Instruments TPS51216-EP Datasheet HTML 8Page - Texas Instruments TPS51216-EP Datasheet HTML 9Page - Texas Instruments TPS51216-EP Datasheet HTML 10Page - Texas Instruments TPS51216-EP Datasheet HTML 11Page - Texas Instruments TPS51216-EP Datasheet HTML 12Page - Texas Instruments TPS51216-EP Datasheet HTML 13Page - Texas Instruments TPS51216-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
6
8
10
12
14
16
18
20
22
Input Voltage (V)
IVDDQ = 0 A
IVDDQ = 20 A
RMODE = 200 kΩ
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.5 V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 200 kΩ
VIN = 12 V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
RMODE = 200 kΩ
VIN = 12 V
200
300
400
500
600
700
800
6
8
10
12
14
16
18
20
22
Input Voltage (V)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 200 kΩ
IVDDQ = 10 A
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
VDDQ Output Current (A)
VVDDQ = 1.20 V
VVDDQ = 1.35 V
VVDDQ = 1.50 V
RMODE = 100 kΩ
VIN = 12 V
TPS51216-EP
SLUSCA7 – NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 10. Switching Frequency vs Input Voltage
Figure 11. Switching Frequency vs Load Current
Figure 12. Switching Frequency vs Load Current
Figure 13. Load Regulation
Figure 14. Line Regulation
Figure 15. VTTREF Load Regulation
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS51216-EP


Similar Part No. - TPS51216-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51216RUKR TI1-TPS51216RUKR Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216RUKR TI1-TPS51216RUKR Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51216RUKT TI1-TPS51216RUKT Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
More results

Similar Description - TPS51216-EP

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1561 UPI-UP1561 Datasheet
261Kb / 17P
   Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
Rev. C00
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
   DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com