Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14030-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14030-Q1
Description  SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14030-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMR14030-Q1 Datasheet HTML 5Page - Texas Instruments LMR14030-Q1 Datasheet HTML 6Page - Texas Instruments LMR14030-Q1 Datasheet HTML 7Page - Texas Instruments LMR14030-Q1 Datasheet HTML 8Page - Texas Instruments LMR14030-Q1 Datasheet HTML 9Page - Texas Instruments LMR14030-Q1 Datasheet HTML 10Page - Texas Instruments LMR14030-Q1 Datasheet HTML 11Page - Texas Instruments LMR14030-Q1 Datasheet HTML 12Page - Texas Instruments LMR14030-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ERROR
AMPLIFIER
Boot
Charge
Boot
UVLO
Oscillator
with PLL
Frequency
Shift
PWM
Control
Logic
Slope
Compensation
PWM
Comparator
Voltage
Reference
FB
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
6
Shutdown
OV
Comp
Components
Bootstrap
Control
VIN
UVLO
BOOT
SS
RT/SYNC
SW
LMR14030-Q1
www.ti.com
SNVSAG3 – NOVEMBER 2015
7 Detailed Description
7.1 Overview
The LMR14030-Q1 SIMPLE SWITCHER® regulator is an easy to use step-down DC-DC converter that operates
from a 4.0 V to 40 V supply voltage. It integrates a 90 m
Ω (typical) high-side MOSFET, and is capable of
delivering up to 3.5 A DC load current with exceptional efficiency and thermal performance in a very small
solution size. The operating current is typically 40
μA under no load condition (not switching). When the device is
disabled, the supply current is typically 1
μA. An extended family is available in 2 A and 5 A load options in pin to
pin compatible packages.
The LMR14030-Q1 implements constant frequency peak current mode control with Sleep-mode at light load to
achieve high efficiency. The device is internally compensated, which reduces design time, and requires fewer
external components. The switching frequency is programmable from 200 kHz to 2.5 MHz by an external resistor
RT. The LMR14030-Q1 is also capable of synchronization to an external clock within the 250 kHz to 2.3 MHz
frequency range, which allows the device to be optimized to fit small board space at higher frequency, or high
efficient power conversion at lower frequency.
Other features are included for more comprehensive system requirements, including precision enable, adjustable
soft-start time, and approximate 97% duty cycle by BOOT capacitor recharge circuit. These features provide a
flexible and easy to use platform for a wide range of applications. Protection features include over temperature
shutdown, VOUT over voltage protection (OVP), VIN under-voltage lockout (UVLO), cycle-by-cycle current limit,
and short-circuit protection with frequency fold-back.
7.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMR14030-Q1


Similar Part No. - LMR14030-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
More results

Similar Description - LMR14030-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com