Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC304MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC304MS8
Description  GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC304MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
12 - 132
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
v00.0600
HMC304MS8
Recommended PCB Layout
List of Materials
GaAs MMIC HIGH IP3 SINGLE-
BALANCED SMT MIXER, 1.7 - 3 GHz
The circuit board used in the final application should use
RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads
should be connected directly to the ground plane similar
to that shown below. A sufficient number of VIA holes
should be used to connect the top and bottom ground
planes. The evaluation circuit board as shown is avail-
able from Hittite upon request.
Item
Description
J1, J2, J3
PC Mount SMA RF Connector
U1
HMC304MS8 Mixer
PCB*
102643 Eval Board
* Circuit Board Material: Rogers 4350


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC350MS8GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER 0.6 - 1.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC402MS8HIGH IP3 GaAs MMIC MIXER 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC214MS8HIGH IP3 GaAs MMIC MIXER 2.4 - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC316MS8GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER 1.5 - 3.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC272MS8GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC410MS8GGaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER 9.0 - 15.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC285GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn