Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC292LM3C Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC292LM3C
Description  GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC292LM3C Datasheet(HTML) 6 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
12 - 119
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
v00.0302
HMC292LM3C
GaAs MMIC DOUBLE-BALANCED
MIXER, 18 - 31 GHz
The grounded Co-Planar Wave Guide (CPWG) PCB input/output transitions allow use of Ground-Signal-
Ground (GSG) probes for testing. Suggested probe pitch is 400mm (16 mils). Alternatively, the board can
be mounted in a metal housing with 2.4 mm coaxial connectors.
Evaluation PCB
Evaluation Circuit Board Layout Design Details
LM3 package mounted to evaluation PCB
Layout Technique
Micro Strip to CPWG
Material
Rogers 4003 with 1/2 oz. Cu
Dielectric Thickness
0.008” (0.20 mm)
Microstrip Line Width
0.018” (0.46 mm)
CPWG Line Width
0.016” (0.41 mm)
CPWG Line to GND Gap
0.005” (0.13 mm)
Ground Via Hole Diameter
0.008” (0.20 mm)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC216MS8GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC147S8GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC142GaAs MMIC DOUBLE-BALANCED MIXER 6 - 18 GHz 1 2 3 4 Hittite Microwave Corporation
HMC143GaAs MMIC DOUBLE-BALANCED MIXER 5 - 20 GHz 1 2 3 4 Hittite Microwave Corporation
HMC203GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz 1 2 3 4 Hittite Microwave Corporation
HMC129LC4GaAs MMIC DOUBLE-BALANCED MIXER 4 - 8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC258LM3GaAs MMIC SUB-HARMONIC SMT MIXER 14 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292GaAs MMIC DOUBLE-BALANCED MIXER 18 - 32 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn