Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC292LM3C Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC292LM3C
Description  GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC292LM3C Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MICROWAVE CORPORATION
12 - 118
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
Pin Number
Function
Description
Interface Schematic
1, 2, 3
N/C
This pin may be connected to the housing ground or
left unconnected.
4
RF
RF Port. This pin is DC coupled and matched to 50 Ohm
from 18 - 31 GHz
5IF
IF Port. This pin is DC coupled. For applications not requiring
operation to DC, this port should be DC blocked externally using
a series capacitor whose value has been chosen to pass the
necessary IF frequency range. For operation to DC, this pin must
not source/sink more than 2 mA of current or die non-function and
possible die failure will result.
6LO
LO Port. This pin is DC coupled and matched to 50 Ohm
from 18 - 31 GHz.
GND
Package base must be soldered to PCB RF ground.
v00.0302
HMC292LM3C
GaAs MMIC DOUBLE-BALANCED
SMT MIXER, 17 - 31 GHz
Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC216MS8GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC147S8GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz 1 2 3 4 Hittite Microwave Corporation
HMC142GaAs MMIC DOUBLE-BALANCED MIXER 6 - 18 GHz 1 2 3 4 Hittite Microwave Corporation
HMC143GaAs MMIC DOUBLE-BALANCED MIXER 5 - 20 GHz 1 2 3 4 Hittite Microwave Corporation
HMC203GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz 1 2 3 4 Hittite Microwave Corporation
HMC129LC4GaAs MMIC DOUBLE-BALANCED MIXER 4 - 8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC258LM3GaAs MMIC SUB-HARMONIC SMT MIXER 14 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292GaAs MMIC DOUBLE-BALANCED MIXER 18 - 32 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn