Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC292 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC292
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC292 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
5 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
HMC292
v02.1202
General Description
Features
Functional Diagram
Input IP3: +19 dBm
LO / RF Isolation: 36 dB
Passive: No DC Bias Required
Small Size: 0.58 mm x 1.04 mm
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC292 is ideal for:
• Microwave Point to Point Radios
• LMDS
• SATCOM
The HMC292 chip is a miniature passive GaAs
MMIC double-balanced mixer which can be used
as an upconverter or downconverter from 18 - 32
GHz in a small chip area of 0.66 mm2. Excellent
isolations are provided by on-chip baluns, which
require no external components and no DC bias.
All data is measured with the chip in a 50 ohm
test fixture connected via 0.076 mm (3 mil) ribbon
bonds of minimal length <0.31 mm (<12 mils).
GaAs MMIC DOUBLE-BALANCED
MIXER, 18 - 32 GHz
Parameter
LO = +13 dBm
LO = +13 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
20 - 30
18 - 32
GHz
Frequency Range, IF
DC - 8
DC - 8
GHz
Conversion Loss
7.5
9
8
10
dB
Noise Figure (SSB)
7.5
9
8
10
dB
LO to RF Isolation
31
38
30
36
dB
LO to IF Isolation
33
40
30
40
dB
RF to IF Isolation
20
25
17
25
dB
IP3 (Input)
17
19
15
19
dB
IP2 (Input)
45
50
42
50
dBm
1 dB Gain Compression (Input)
8
12
8
12
dBm


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC142GaAs MMIC DOUBLE-BALANCED MIXER 6 - 18 GHz 1 2 3 4 Hittite Microwave Corporation
HMC143GaAs MMIC DOUBLE-BALANCED MIXER 5 - 20 GHz 1 2 3 4 Hittite Microwave Corporation
HMC203GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz 1 2 3 4 Hittite Microwave Corporation
HMC216MS8GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC129LC4GaAs MMIC DOUBLE-BALANCED MIXER 4 - 8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292LM3CGaAs MMIC DOUBLE-BALANCED SMT MIXER 17 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC144LC4GaAs MMIC DOUBLE-BALANCED MIXER 6 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC294GaAs MMIC DOUBLE-BALANCED MIXER 25 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329GaAs MMIC DOUBLE-BALANCED MIXER 25 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn