Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC292 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC292
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC292 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
5 - 75
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC292
GaAs MMIC DOUBLE-BALANCED
MIXER, 18 - 32 GHz
v02.1202
Handling Precautions
Follow these precautions to avoid permanent damage.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against > ± 250V ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize
inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the
chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting
surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool temperature
of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. DO NOT expose the chip
to a temperature greater than 320 °C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for
attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
RF bonds made with 0.003” x 0.0005” ribbon are recommended. These bonds should be thermosonically bonded with a force of 40-
60 grams. DC bonds of 0.001” (0.025 mm) diameter, thermosonically bonded, are recommended. Ball bonds should be made with
a force of 40-50 grams and wedge bonds at 18-22 grams. All bonds should be made with a nominal stage temperature of 150 °C. A
minimum amount of ultrasonic energy should be applied to achieve reliable bonds. All bonds should be as short as possible, less than
12 mils (0.31 mm).


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC142GaAs MMIC DOUBLE-BALANCED MIXER 6 - 18 GHz 1 2 3 4 Hittite Microwave Corporation
HMC143GaAs MMIC DOUBLE-BALANCED MIXER 5 - 20 GHz 1 2 3 4 Hittite Microwave Corporation
HMC203GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz 1 2 3 4 Hittite Microwave Corporation
HMC216MS8GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC129LC4GaAs MMIC DOUBLE-BALANCED MIXER 4 - 8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292LM3CGaAs MMIC DOUBLE-BALANCED SMT MIXER 17 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC144LC4GaAs MMIC DOUBLE-BALANCED MIXER 6 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC294GaAs MMIC DOUBLE-BALANCED MIXER 25 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329GaAs MMIC DOUBLE-BALANCED MIXER 25 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn