Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC2C-A1RB Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # DC2C-A1RB
Description  Sealed Subminiature Snap Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

DC2C-A1RB Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  DC2C-A1RB Datasheet HTML 1Page - Cherry Semiconductor Corporation DC2C-A1RB Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2016-03-11, Specifications subject to change without notice.
Mechanical Specifications
Contact Gap
< 3 mm (µ)
Operating Force
50– 340 cN (model dependent, without actuator)
Total Travel (without actuator)
1.6 mm
Operating life
Operation Cycles
Contact
EN61058
UL1054
Mechanical Life
1
10,000
6,0000 (15,000 @ 48 VDC)
15,000,000
2
10,000
6,000
10,000,000
3
50,000
100,000 (6,000 @ 60 VDC)
15,000,000
4
50,000
6,000 (15,000 @ 48 VDC)
15,000,000
Material Specifications
Base
PET (UL 94 V-0)
Cover
PBT (UL 94 V-0); PET (UL 94 V-0)
Actuator
PBT (UL 94 V-0) 120
OC, POM (UL 94 HB) 85 OC
Contacts
AgSnO2, AgNi, AuAgPt (Crosspoint)
Terminals
CuZn (silver-plated)
Auxiliary Actuator
Stainless Steel or plastic
Switching parameters
Complete chart available at www.cherryswitches.com
Environmental Specifications
Ambient Temperature
-40
OC to 85 / 120 OC (-40 OF to 185 / 248 OF) without wire leads
-40
OC to 85 / 105 OC (-40 OF to 185 / 221 OF) without wire leads
Ingress Protection
IP67
Dimensions mm (inches)


Similar Part No. - DC2C-A1RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC2C-A1RB ETC2-DC2C-A1RB Datasheet
595Kb / 4P
   DC subminiature switch
logo
ZF Friedrichshafen AG
DC2C-A1RB ZFSWITCHES-DC2C-A1RB Datasheet
107Kb / 1P
   Subminiaturschalter DB
More results

Similar Description - DC2C-A1RB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW OMRON-D2HW Datasheet
801Kb / 10P
   Sealed Subminiature Snap Action Switch
logo
C&K Components
LCW CK-COMPONENTS-LCW Datasheet
515Kb / 4P
   Subminiature Sealed Snap-acting Switches
26 Feb 19
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
   Subminiature Sealed Snap-acting Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D3M OMRON-D3M Datasheet
752Kb / 8P
   Subminiature Snap Action Switch
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com