Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS16A65C Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TRS16A65C
Description  SiC Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS16A65C Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TRS16A65C Datasheet HTML 1Page - Toshiba Semiconductor TRS16A65C Datasheet HTML 2Page - Toshiba Semiconductor TRS16A65C Datasheet HTML 3Page - Toshiba Semiconductor TRS16A65C Datasheet HTML 4Page - Toshiba Semiconductor TRS16A65C Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TRS16A65C
2
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Thermal resistance (junction-to-case)
Thermal resistance (junction-to-ambient)
Symbol
Rth(j-c)
Rth(j-a)
Test Condition
Max
3.33
62.5
Unit
/W
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak forward voltage
Repetitive peak reverse current
Junction capacitance
Symbol
VFM(1)
VFM(2)
IRRM
Cj
Test Condition
IF = 8 A (pulse measurement)
IF = 16 A (pulse measurement)
VRRM = 650 V (pulse measurement)
VR = 650 V, f = 1 MHz
Min
Typ.
1.27
1.5
0.4
88
Max
1.7
90
Unit
V
µA
pF
7.
7.
7.
7. Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Abbreviation Code
S16A65C
Part Number
TRS16A65C
8.
8.
8.
8. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
(1)
The absolute maximum ratings are rated values that must not be exceeded during operation, even for an
instant. The following are the recommended general derating methods for designing a circuit board using
this device.
VRRM: VRRM has a temperature coefficient of 0.1 %/.
Take this coefficient into account when designing a circuit board that will be operated
in a low-temperature environment.
IF(DC): We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IF(DC) and that the worst-case junction temperature, Tj, be kept below 140 .
IFP:
We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IFP and that the worst-case junction temperature, Tj, be kept below 140 .
I2t:
This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
Tj:
Derate device parameters in proportion to this rating in order to ensure high reliability.
We recommend that the junction temperature (Tj) of a device be kept below 140 .
(2)
For other design considerations, see the Rectifiers databook or the Toshiba Semiconductor website.
2014-10-24
Rev.1.0


Similar Part No. - TRS16A65C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TRS16N65D TOSHIBA-TRS16N65D Datasheet
164Kb / 5P
   SiC Schottky Barrier Diode
TRS16N65FB TOSHIBA-TRS16N65FB Datasheet
300Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - TRS16A65C

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com