Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC285 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC285
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC285 Datasheet HTML 1Page - Hittite Microwave Corporation HMC285 Datasheet HTML 2Page - Hittite Microwave Corporation HMC285 Datasheet HTML 3Page - Hittite Microwave Corporation HMC285 Datasheet HTML 4Page - Hittite Microwave Corporation HMC285 Datasheet HTML 5Page - Hittite Microwave Corporation HMC285 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
12 - 109
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
v00.0700
-30
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
+85 C
-40 C
+25 C
IF = 400 MHz
-60
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
IF = 400 MHz
RF/IF
LO/RF
LO/IF
Conversion Gain vs.
Temperature @ LO = +10 dBm
HMC285
-30
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
+10 dBm
+13 dBm
IF = 400 MHz
+7 dBm
+5 dBm
-30
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
IF = 100 MHz
IF = 800 MHz
IF = 400 MHz
-25
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
RF
LO
IF = 400 MHz
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
FREQUENCY (GHz)
IF Conv. Gain
IF Return Loss
Isolation @ LO = +10 dBm
Conversion Gain vs. LO Drive
Return Loss @ LO = +10 dBm
Conversion Gain vs. IF Frequency
IF Bandwidth @ LO = +10 dBm.
Conversion Gain & Return Loss
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.5 GHz


Similar Part No. - HMC285

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results

Similar Description - HMC285

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com